Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

303D Datasheet (PDF) - ATTEND Technology Inc.

303D Datasheet PDF - ATTEND Technology Inc.
Part # 303D
Download  303D Download
File Size   287.61 Kbytes
Page   3 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description Pogo Pin Magnet Type, Machine Pin 2P, 10.0D, DIP, 10u", 500g, 5A, black

303D Datasheet (PDF)

Go To PDF Page Download Datasheet
303D Datasheet PDF - ATTEND Technology Inc.

Part # 303D
Download  303D Click to download

File Size   287.61 Kbytes
Page   3 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description Pogo Pin Magnet Type, Machine Pin 2P, 10.0D, DIP, 10u", 500g, 5A, black

303D Datasheet (HTML) - ATTEND Technology Inc.


303D Product details

Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance requirements specification. Unless otherwise specified, all tests are performed at ambient environmental conditions.




Similar Part No. - 303D

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
303DMQ600 SMC-303DMQ600 Datasheet
174Kb / 3P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
logo
SMC Diode Solutions Co....
303DMQ600 SMCDIODE-303DMQ600 Datasheet
350Kb / 5P
ULTRAFAST RECTIFIER
Rev. A
More results


Similar Description - 303D

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47244-0001 MOLEX-47244-0001 Datasheet
123Kb / 2P
Pogo Pin
logo
SUYIN USA, INC.
060026MA001G103ZR SUYIN-USA-060026MA001G103ZR Datasheet
101Kb / 1P
POGO PIN CONNECTOR
254019MA005XX00XX SUYIN-USA-254019MA005XX00XX Datasheet
64Kb / 1P
2.54mm POGO PIN
logo
AVX Corporation
70-9150 AVX-70-9150 Datasheet
705Kb / 7P
Pogo Pin Single Contact: BTB
709150001020006 AVX-709150001020006 Datasheet
705Kb / 7P
Pogo Pin Single Contact: BTB
logo
Harwin Plc
P70-7000045 HARWIN-P70-7000045 Datasheet
52Kb / 1P
SMT SPRING LOADED POGO PIN
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
SMT POGO PIN CONTACT PAD
logo
SparkFun Electronics
PRT-09173 SPARKFUN-PRT-09173 Datasheet
87Kb / 2P
Pogo Pin w/ Round Tip
9??4??7
logo
Hitachi Semiconductor
DNA1001D HITACHI-DNA1001D Datasheet
126Kb / 2P
DIP 16 Pin Type
logo
ATTEND Technology Inc.
303C ATTEND-303C Datasheet
286Kb / 3P
Pogo Machine Pin, Magnet Type, 4P H=4.15mm, Pitch 3.0, DIP, 20u", black
2021/12/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com