Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

303D Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 303D
Description  Pogo Pin Magnet Type, Machine Pin 2P, 10.0D, DIP, 10u", 500g, 5A, black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

303D Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  303D Datasheet HTML 1Page - ATTEND Technology Inc. 303D Datasheet HTML 2Page - ATTEND Technology Inc. 303D Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
RATING
Rated Current
3A
Rated Voltage
12V DC
Operating Temperature
-30°C TO +60°C
Storage Temperature
-30°C TO +60°C
Durability
20,000
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
50mΩ Max. at working
stroke (at standing still)
Voltage drop system four-wire system with below
300mA
Dielectric Strength
No dielectric breaks down. 500VAC 1 minute
Insulation Resistance
100M MIN.
500VDC 1 minute
MECHANICAL
Item
Requirement
Test Condition
Pin Force
80g±0.2g
1.1mm compression, test speed 25.0mm/min.
Pin Strength
No appearance damage
9.8N force on pin from any direction for 1 minute
Pin Pulling Off Force
No appearance damage
4.9N force on a pin from axis direction for 1 minute
ENVIRONMENTAL
Item
Requirement
Test Condition
Operation durability
No appearance damage
Contact Resistance:
100mΩ Max.
Pin Force: 80g±0.2g
No appearance damage
1.1mm pin compression for the nominal stroke at a
frequency of 10 to 20 times per minute for 20,000
cycles.
Low Temperature
Durability
Contact Resistance:
100mΩ Max.
No appearance damage
Store in temp:-30°C±3°C for 96hrs, then leave in
the ambient temperature for 1 hour.
High Temperature
Durability
Store in temp: +60°C±2°C for 96hrs, then leave in
the ambient temperature for 1 hour.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com