Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2615C Datasheet (PDF) - Monolithic Power Systems

MP2615C Datasheet PDF - Monolithic Power Systems
Part # MP2615C
Download  MP2615C Download
File Size   1129.33 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package

MP2615C Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2615C Datasheet PDF - Monolithic Power Systems

Part # MP2615C
Download  MP2615C Click to download

File Size   1129.33 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package

MP2615C Datasheet (HTML) - Monolithic Power Systems


MP2615C Product details

DESCRIPTION
The MP2615C is a high-efficiency, switch-mode
battery charger suitable for single-cell or dualcell
Li-ion or Li-polymer applications. The
device is capable of delivering 2.1A of charge
current, which can be configured via an
accurate current-sense resistor across the
entire input range.
The MP2615C regulates the charge current and
full battery voltage using two control loops to
achieve high-accuracy constant current (CC)
charge and constant voltage (CV) charge.
Constant-off-time (COT) control allows the
device to operate up to 99% duty cycle when
the battery voltage is close to the input voltage.
This maintains a relatively high charging
current.
The battery temperature and charging statuses
are always monitored during each charging
cycle. Two status monitor output pins are
provided to indicate the battery charging status
and input power status. The MP2615C also
features internal reverse blocking protection.
The MP2615C is available in a QFN-16
(3mmx3mm) package.

FEATURES
• 4.75V to 18V Operating Input Voltage
• Up to 99% Duty Cycle Operation
• Up to 2.1A Configurable Charging Current
• ±0.75% Full Battery Voltage Accuracy
• 4.1V/Cell and 4.2V/Cell Selection for Full
Battery Voltage
• Fully Integrated Power Switches
• Internal Loop Compensation
• No External Reverse Blocking Diode
Required
• Preconditioning for Fully Depleted Battery
• Charging Operation Indicator
• Configurable Safety Timer
• Thermal Shutdown Protection
• Cycle-by-Cycle Over-Current Protection
• Battery Temperature Monitoring and
Protection
• Available in a QFN-16 (3mmx3mm)
Package

APPLICATIONS
• Smartphones
• Portable Handheld Solutions
• Portable Media Players




Similar Part No. - MP2615C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
7/9/2019 Rev. 1.02
MP2615A MPS-MP2615A Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615AGQ MPS-MP2615AGQ Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615B MPS-MP2615B Datasheet
881Kb / 20P
2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
More results


Similar Description - MP2615C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Monolithic Power System...
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615A MPS-MP2615A Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615B MPS-MP2615B Datasheet
881Kb / 20P
2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com