Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2615 Datasheet (PDF) - Monolithic Power Systems

MP2615 Datasheet PDF - Monolithic Power Systems
Part # MP2615
Download  MP2615 Download
File Size   1071.13 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package

MP2615 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2615 Datasheet PDF - Monolithic Power Systems

Part # MP2615
Download  MP2615 Click to download

File Size   1071.13 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package

MP2615 Datasheet (HTML) - Monolithic Power Systems


MP2615 Product details

DESCRIPTION
The MP2615 is a high efficiency switch mode battery charger suitable for 1- or 2- cell lithiumion or lithium-Polymer applications. The MP2615 is capable of delivering 2A of charge current programmable via an accurate sense resistor over the entire input range.
The MP2615 regulates the charge current and full battery voltage using two control loops to achieve high accuracy constant current (CC) charge and constant voltage (CV) charge.
Constant-off-time (COT) mode control allows operation up to 99% duty cycle when the battery voltage is close to the input voltage and in order to keep charge current always at a relative high level.
Battery temperature and charging status are always monitored during each charging cycle. Two status monitor output pins are provided to indicate the battery charging status and input power status. The MP2615 also features internal reverse blocking protection.
The MP2615 is available in a 3mm × 3mm 16-pin QFN package.

FEATURES
 4.75V to 18V Operating Input Voltage
 Up to 99% Duty Cycle Operation
 Up to 2A Programmable Charging Current
 ±0.75% Full Battery Voltage Accuracy
 4.1V/Cell and 4.2V/Cell Selection for Full Battery Voltage
 Full Integrated Power Switches
 Internal Loop Compensation
 No External Reverse Blocking Diode Required
 Preconditioning for Fully Depleted Battery
 Charging Operation Indicator
 Programmable Safety Timer
 Thermal Shutdown Protection
 Cycle-by-Cycle Over Current Protection
 Battery Temperature Monitor and Protection

APPLICATIONS
 Smart Phones
 Portable Hand-held Solutions
 Portable Media Players




Similar Part No. - MP2615

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615A MPS-MP2615A Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615AGQ MPS-MP2615AGQ Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615B MPS-MP2615B Datasheet
881Kb / 20P
2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615BGQ MPS-MP2615BGQ Datasheet
881Kb / 20P
2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
More results


Similar Description - MP2615

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615A MPS-MP2615A Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615B MPS-MP2615B Datasheet
881Kb / 20P
2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
logo
Monolithic Power System...
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com