Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5098 Datasheet (PDF) - Monolithic Power Systems

MP5098 Datasheet PDF - Monolithic Power Systems
Part # MP5098
Download  MP5098 Download
File Size   1781.17 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance

MP5098 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5098 Datasheet PDF - Monolithic Power Systems

Part # MP5098
Download  MP5098 Click to download

File Size   1781.17 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance

MP5098 Datasheet (HTML) - Monolithic Power Systems


MP5098 Product details

DESCRIPTION
The MP5098 is a 12V/5V, low quiescent current
(IQ), low on resistance (RDS(ON)), dual-channel efuse
protection device with current monitoring. It
protects output circuitry from input transients,
as well as protects input circuitry from output
shorts and transients.
At start-up, the inrush current is limited by
limiting the output slew rate. The slew rate is
controlled via the SS pin capacitor (CSS).
The maximum load current (ILOAD_MAX) at the
output is current-limited. The magnitude of the
current limit (ILIMIIT) is fixed internally.
Full protection features include output overvoltage
protection (OVP), over-current
protection (OCP), short-circuit protection (SCP),
and thermal shutdown.
The output voltage (VOUT) is limited by output
OVP. Each rail’s output current (IOUT) can be
monitored via a resistor connected between the
IMON1 and IMON2 pins.
The MP5098 is available in a space-saving
TQFN-10 (2mmx3mm) package.

FEATURES
• 12V/5V Integrated Dual E-Fuse
• Dual-Channel Current Limiting
• 24V/100ms Maximum Surge Input Voltage
(VIN) Tolerance for 12V Bus and 5V Bus
• 40mΩ Low On Resistance (RDS(ON))
• Low Quiescent Current (IQ):
o 210μA IQ for 12V Bus
o 190μA IQ for 15V Bus
• Configurable Soft-Start Time (tSS)
• Fixed Trip/Hold Current Limit (ILIMIIT):
o Fixed 4A Trip ILIMIIT for 12V Bus
o Fixed 2.5A Hold ILIMIIT for 12V Bus
o Fixed 3A Trip ILIMIIT for 5V Bus
o Fixed 1.3A Hold ILIMIIT for 5V Bus
• 15V Over-Voltage Protection (OVP)
Threshold for 12V VIN Channel
• 5.7V OVP Threshold for 5V VIN Channel
• Over-Current Protection (OCP) with Hiccup
Mode
• Short-Circuit Protection (SCP)
• Thermal Shutdown (Latch-Off Protection)
• Available in a TQFN-10 (2mmx3mm)
Package

APPLICATIONS
• Hard-Disk Drives (HDDs)
• Solid-State Drives (SSDs)
• Hot Swap Applications




Similar Part No. - MP5098

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5090 MPS-MP5090 Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5090GC MPS-MP5090GC Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5090GQHT MPS-MP5090GQHT Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
MP5092GD MPS-MP5092GD Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
More results


Similar Description - MP5098

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880 MAXIM-MAX8880_07 Datasheet
234Kb / 12P
12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
logo
International Rectifier
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
Ultra Low On-Resistance Dual N-Channel MOSFET
logo
Guilin Strong Micro-Ele...
GM4947 GSME-GM4947 Datasheet
288Kb / 3P
Low on-resistance and maximum DC current capability
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
Omron Electronics LLC
G3VM-61UR OMRON-G3VM-61UR Datasheet
1Mb / 4P
VSON Package with Low Output Capacitance and Low ON Resistance
G3VM-21UR OMRON-G3VM-21UR Datasheet
192Kb / 5P
VSON Package With Low Output Capacitance and Low On Resistance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com