Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5098 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5098
Description  12V/5V, Low IQ, Dual-Channel E-Fuse with Current Monitoring and Low On Resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5098 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5098 Datasheet HTML 1Page - Monolithic Power Systems MP5098 Datasheet HTML 2Page - Monolithic Power Systems MP5098 Datasheet HTML 3Page - Monolithic Power Systems MP5098 Datasheet HTML 4Page - Monolithic Power Systems MP5098 Datasheet HTML 5Page - Monolithic Power Systems MP5098 Datasheet HTML 6Page - Monolithic Power Systems MP5098 Datasheet HTML 7Page - Monolithic Power Systems MP5098 Datasheet HTML 8Page - Monolithic Power Systems MP5098 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP5098
– 12V/5V, DUAL-CHANNEL E-FUSE WITH CURRENT MONITORING
MP5098 Rev. 1.0
MonolithicPower.com
4
11/2/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Channel 1 and channel 2 enable. The EN pin is a digital input that turns the regulator on
and off. Float EN or pull EN low to turn the regulator on; pull EN high to turn it off.
2
IMON1
Channel 1 current monitoring. Connect a resistor between the IMON1 and GND pins to
set the current monitor gain.
3
GND
System ground.
4
VIN2
Channel 2 supply voltage. Channel 2
’s typical input voltage (VIN) is 5V. Use a ceramic
decoupling capacitor to decouple the VIN2 pin. Connect VIN2 using a wide PCB trace.
5
VOUT2
Channel 2 output terminal.
6
IMON2
Channel 2 current monitoring. Connect a resistor between the IMON2 and GND pins to
set the current monitor gain.
7
SS2
Channel 2 soft start. Connect a capacitor between the SS2 and GND pins to set channel
2’s soft-start time (tSS).
8
SS1
Channel 1 soft start. Connect a capacitor between the SS1 and GND pins to set channel
1’s tSS.
9
VOUT1
Channel 1 output terminal.
10
VIN1
Channel 1 supply voltage. Channel 2
’s typical input voltage (VIN) is 12V. Use a ceramic
decoupling capacitor to decouple the VIN1 pin. Connect VIN1 using a wide PCB trace.
ABSOLUTE MAXIMUM RATINGS (1)
VIN1, VOUT1 .................................... -0.3V to +22V
Input positive transient (CH1 = 100ms) ........24V
VIN2, VOUT2 .................................... -0.3V to +15V
Input positive transient (CH2 = 100ms) ........24V
All other pins.................................. -0.3V to +5V
Junction temperature ............... -40°C to +150°C
Lead temperature .................................... 260°C
Continuous Power Dissipation (TA = 25°C) (2)(4)
TQFN-10 (2mmx3mm)...............................3.1W
ESD Ratings
Human body model (HBM) ......................2000V
Charged device model (CDM)..................1750V
Recommended Operating Conditions (3)
CH1 continuous voltage............. 10.8V to 13.8V
CH2 continuous voltage................. 4.6V to 5.5V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA
θJC
TQFN-10 (2mmx3mm)
EV5098-D-00A (4) ................... 40 ....... 4.... °C/W
JESD51-7 (5) ........................... 70 ....... 5.... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can produce an excessive die temperature, which
may cause the regulator to go into thermal shutdown. Internal
thermal
shutdown
circuitry
protects
the
device
from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on the EV5098-D-00A, 2-layer PCB, 54mmx46mm.
5) The value
of θ
JA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com