Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ3425DL Datasheet (PDF) - Monolithic Power Systems

MPQ3425DL Datasheet PDF - Monolithic Power Systems
Part # MPQ3425DL
Download  MPQ3425DL Download
File Size   1076.3 Kbytes
Page   28 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified

MPQ3425DL Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ3425DL Datasheet PDF - Monolithic Power Systems

Part # MPQ3425DL
Download  MPQ3425DL Click to download

File Size   1076.3 Kbytes
Page   28 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified

MPQ3425DL Datasheet (HTML) - Monolithic Power Systems


MPQ3425DL Product details

DESCRIPTION
The MPQ3425 is a current control mode,
step-up converter with a 3.5A, 90mΩ internal
MOSFET that provides fast transient response.
It operates with an input voltage as low as 3.1V,
and can generate up to 55V.
The MPQ3425 features a configurable
switching frequency of up to 2MHz for easy
filtering and low noise. An external
compensation pin allows the user to flexibly set
loop dynamics and operates with small, low-
ESR ceramic output capacitors. The soft start
feature provides a small inrush current and can
be programmed with an external capacitor.
Full protection features include under-voltage
lockout (UVLO), current limiting, and thermal
shutdown.
The MPQ3425 is available in low-profile QFN-
14 (3mmx4mm) and QFN-14 (4mmx4mm)
packages with an exposed pad. The QFN-14
(4mmx4mm) package is available in a wettable
flank package.

FEATURES
• Wide 3.1V to 22V BIAS Supply Voltage
Range
• Wide 3V to 50V Input Voltage Range
• 3.5A, 90mΩ, Power MOSFET
• Output Voltage up to 55V
• Programmable 300kHz to 2MHz fSW
• Programmable Under-Voltage Lockout
(UVLO), Soft Start, UVLO Hysteresis
• Micropower Shutdown <1μA
• Thermal Shutdown OTP (160°C)
• Available in QFN-14 (3mmx4mm) and QFN-
14 (4mmx4mm) Packages
• QFN-14 (4mmx4mm) Package Is Available
in a Wettable Flank Package
Available in AEC-Q100 Grade 1

APPLICATIONS
• Automotive Systems
• Boost Converter and Single-Ended Primary-
Inductance Converter (SEPIC) Topologies
• Pre-Boost Applications
• Microphones and Tuner Bias




Similar Part No. - MPQ3425DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ3425DL MPS-MPQ3425DL Datasheet
808Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
MPQ3425DL-AEC1 MPS-MPQ3425DL-AEC1 Datasheet
808Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
More results


Similar Description - MPQ3425DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
MPQ4558 MPS-MPQ4558 Datasheet
527Kb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
logo
Monolithic Power System...
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4570 MPS-MPQ4570 Datasheet
690Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ3425-AEC1 MPS-MPQ3425-AEC1 Datasheet
808Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
MPQ3426 MPS-MPQ3426 Datasheet
544Kb / 17P
6A, 35V Boost Converter with Programmable Switching Frequency and UVLO AEC-Q100 Qualified
EVQ2483-Q-00A MPS-EVQ2483-Q-00A Datasheet
417Kb / 5P
55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
EVQ2483-S-00A MPS-EVQ2483-S-00A Datasheet
273Kb / 5P
55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
MPQ6610 MPS-MPQ6610 Datasheet
1Mb / 16P
55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified
Rev. 1.0 11/20/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com