Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ6610 Datasheet (PDF) - Monolithic Power Systems

MPQ6610 Datasheet PDF - Monolithic Power Systems
Part # MPQ6610
Download  MPQ6610 Download
File Size   1140.78 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified

MPQ6610 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ6610 Datasheet PDF - Monolithic Power Systems

Part # MPQ6610
Download  MPQ6610 Click to download

File Size   1140.78 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified

MPQ6610 Datasheet (HTML) - Monolithic Power Systems


MPQ6610 Product details

DESCRIPTION
The MPQ6610 is a half-bridge driver with
current measurement and regulation features. It
can operate from a 4V to 55V supply voltage,
and can deliver up to 3A of output current
(depending on the package, PCB design, and
ambient temperature). The MPQ6610 can be
used to drive brushed DC motors, solenoids, or
other loads.
An internal current-sense circuit provides an
output with a voltage that is proportional to the
load current. Cycle-by-cycle current regulation
and limiting are also provided. These features
do not require the use of a low-Ohmic shunt
resistor.
Internal diagnostic and protection features
include open-load detection, over-current
protection (OCP), under-voltage lockout
(UVLO), and thermal shutdown.
The MPQ6610 is available in 8-pin TSOT23
and SOIC-8 packages. Note that due to the
small pin spacing, the TSOT23 package is only
recommended for applications up to 45V,
unless conformal coating or encapsulation is
used.

FEATURES
 Wide 4V to 55V Input Voltage Range
 3A Maximum Output Current
 Internal Half-Bridge Driver
 Cycle-by-Cycle Current Regulation/Limiting
 Low On Resistance (High Side: 100mΩ,
Low Side: 120mΩ)
 No Control Power Supply Required
 Simple, Versatile Logic Interfaces
 Inputs Compatible with 2.5V, 3.3V, and 5V
Logic
 Over-Current Protection (OCP)
 Open-Load Detection
 Thermal Shutdown
 Under-Voltage Lockout (UVLO)
 Fault Indication Output
 Thermally Enhanced Package
 Available in TSOT23 and SOIC-8 Packages
 Available in AEC-Q100 Grade 1

APPLICATIONS
 Solenoid Drivers
 Relay Drivers
 Brushed DC Motor Drivers




Similar Part No. - MPQ6610

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPQ6600 MOTOROLA-MPQ6600 Datasheet
82Kb / 2P
QUAD DUAL-IN-LINE SILICON ANNULAR TRANSISTORS
MPQ6600A MOTOROLA-MPQ6600A Datasheet
82Kb / 2P
QUAD DUAL-IN-LINE SILICON ANNULAR TRANSISTORS
logo
Monolithic Power System...
MPQ6626 MPS-MPQ6626 Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
MPQ6626GF-AEC1 MPS-MPQ6626GF-AEC1 Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
MPQ6626GF-AEC1-P MPS-MPQ6626GF-AEC1-P Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
More results


Similar Description - MPQ6610

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
logo
Monolithic Power System...
MPQ3425-AEC1 MPS-MPQ3425-AEC1 Datasheet
808Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
MPQ6523 MPS-MPQ6523 Datasheet
809Kb / 16P
Triple Half-Bridge Motor Driver with Serial Input Control AEC-Q100 Qualified
MPQ8039 MPS-MPQ8039 Datasheet
491Kb / 11P
High Current Power Half Bridge AEC-Q100 Qualified
EVQ2483-S-00A MPS-EVQ2483-S-00A Datasheet
273Kb / 5P
55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
MPQ3425 MPS-MPQ3425 Datasheet
1Mb / 28P
3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
Rev. 1.1 7/6/2023
logo
MPS Industries, Inc.
MPQ1923-AEC1 MPSIND-MPQ1923-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com