Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ6626 Datasheet (PDF) - Monolithic Power Systems

MPQ6626 Datasheet PDF - Monolithic Power Systems
Part # MPQ6626
Download  MPQ6626 Download
File Size   1299.47 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified

MPQ6626 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ6626 Datasheet PDF - Monolithic Power Systems

Part # MPQ6626
Download  MPQ6626 Click to download

File Size   1299.47 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified

MPQ6626 Datasheet (HTML) - Monolithic Power Systems


MPQ6626 Product details

DESCRIPTION
The MPQ6626 is a 6-channel half-bridge DMOS
output driver with integrated power MOSFETs.
The input voltage ranges from 5.5V to 40V, with
the up to 0.8A output current capability.
The six half-bridges of the MPQ6626 can be
controlled separately via a standard serial data
interface, and have various diagnostic functions.
The device has very low quiescent current in
standby mode.
Full protections include short-circuit protection
(SCP), under-voltage protection (UVP), and
thermal shutdown.
The MPQ6626 requires a minimal number of
readily available, standard external components.
It is available in a TSSOP-28 EP package.

FEATURES
 Wide 5.5V to 40V Operating Input Range
 High-Side and Low-Side Drivers Connected
in Half-Bridge Configurations
 Up to 0.8A Output Current
 Typical 1.3Ω RDS(ON) (HS + LS)
 Very Low Quiescent Current in Standby
Mode versus Total Temperature Range
 Outputs are Short-Circuit Protected
 Over-Temperature Protection and Pre-
Warning
 Under-Voltage Lockout (UVLO) and Over-
Voltage Lockout (OVLO)
 Serial Data Interface
 Diagnostic Functions Include: Shorted
Output, Open Load, Over-Temperature
(OT), Over-Voltage (OV), and Under-
Voltage (UV)
 Serial Interface Clock Frequency Up to
5MHz
 Supports 3.3V and 5V Systems
 Available in a TSSOP-28 EP Package
 Available in AEC-Q100 Grade 1

APPLICATIONS
 Automotive and Industrial Applications
 DC Motors




Similar Part No. - MPQ6626

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ6628 MPS-MPQ6628 Datasheet
717Kb / 24P
40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 11/8/2021
MPQ6628GF-AEC1 MPS-MPQ6628GF-AEC1 Datasheet
717Kb / 24P
40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 11/8/2021
MPQ6628GF-AEC1-Z MPS-MPQ6628GF-AEC1-Z Datasheet
717Kb / 24P
40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 11/8/2021
More results


Similar Description - MPQ6626

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6836 ATMEL-ATA6836 Datasheet
434Kb / 20P
Hex Half-bridge Driver with Serial Input Control
ATA6838 ATMEL-ATA6838 Datasheet
389Kb / 18P
Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_09 Datasheet
443Kb / 20P
Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_10 Datasheet
458Kb / 21P
Hex Half-bridge Driver with Serial Input Control
ATA6836C ATMEL-ATA6836C_14 Datasheet
851Kb / 21P
Hex Half-bridge Driver with Serial Input Control
ATA6838C ATMEL-ATA6838C_14 Datasheet
590Kb / 18P
Hex Half-bridge Driver with Serial Input Control
logo
Monolithic Power System...
MPQ6523 MPS-MPQ6523 Datasheet
809Kb / 16P
Triple Half-Bridge Motor Driver with Serial Input Control AEC-Q100 Qualified
MPQ6526 MPS-MPQ6526 Datasheet
1Mb / 19P
Hex Half-Bridge Motor Driver with Serial Input Control
MPQ6610 MPS-MPQ6610 Datasheet
1Mb / 16P
55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified
Rev. 1.0 11/20/2020
MPQ6628 MPS-MPQ6628 Datasheet
717Kb / 24P
40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 11/8/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com