Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ6628 Datasheet (PDF) - Monolithic Power Systems

MPQ6628 Datasheet PDF - Monolithic Power Systems
Part # MPQ6628
Download  MPQ6628 Download
File Size   717.66 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified

MPQ6628 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ6628 Datasheet PDF - Monolithic Power Systems

Part # MPQ6628
Download  MPQ6628 Click to download

File Size   717.66 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified

MPQ6628 Datasheet (HTML) - Monolithic Power Systems


MPQ6628 Product details

DESCRIPTION
The MPQ6628 is an 8-channel, half-bridge
DMOS output driver with integrated power
MOSFETs. The input voltage ranges between
5.5V and 40V, with an output current capability
up to 0.8A.
The right half-bridges can be controlled
separately via a standard serial data interface,
and each half-bridge has various diagnostic
functions. The device has very low quiescent
current in standby mode.
Full protection includes short-circuit protection
(SCP), under-voltage protection (UVP), and
thermal shutdown.
The MPQ6628 requires a minimal number of
readily available, standard external components.
It is available in a TSSOP-28EP package.

FEATURES
• Wide 5.5V to 40V Operating Input Range
• High-Side and Low-Side Drivers Connected
in Half-Bridge Configurations
• Up to 0.8A Output Current
• Typical 1.3Ω RDS(ON) (HS + LS)
• Very Low Quiescent Current in Standby
Mode versus Total Temperature Range
• Outputs Are Short-Circuit Protected
• Over-Temperature Protection and Pre-
Warning
• Under-Voltage Lockout (UVLO) and Over-
Voltage Lockout (OVLO)
• Serial Data Interface
• Diagnostic Functions include: Shorted
Output, Open-Load, Over-Temperature
(OT), Over-Voltage (OV), and Under-
Voltage (UV)
• Serial Interface Clock Frequency Up to
5MHz
• Supports 3.3V and 5V Systems
• Available in a TSSOP-28EP Package
• Available in AEC-Q100 Grade 1

APPLICATIONS
• Automotive and Industrial Loads
• DC Motors




Similar Part No. - MPQ6628

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ6626 MPS-MPQ6626 Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
MPQ6626GF-AEC1 MPS-MPQ6626GF-AEC1 Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
MPQ6626GF-AEC1-P MPS-MPQ6626GF-AEC1-P Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
MPQ6626GF-AEC1-Z MPS-MPQ6626GF-AEC1-Z Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
More results


Similar Description - MPQ6628

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
logo
Monolithic Power System...
MPQ6523 MPS-MPQ6523 Datasheet
809Kb / 16P
Triple Half-Bridge Motor Driver with Serial Input Control AEC-Q100 Qualified
MPQ6526 MPS-MPQ6526 Datasheet
1Mb / 19P
Hex Half-Bridge Motor Driver with Serial Input Control
MPQ8039 MPS-MPQ8039 Datasheet
491Kb / 11P
High Current Power Half Bridge AEC-Q100 Qualified
MPQ6626 MPS-MPQ6626 Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
MPQ6610 MPS-MPQ6610 Datasheet
1Mb / 16P
55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified
Rev. 1.0 11/20/2020
logo
MPS Industries, Inc.
MPQ1923-AEC1 MPSIND-MPQ1923-AEC1 Datasheet
851Kb / 21P
100V, 8A, High-Frequency,Half-Bridge Gate Driver,AEC-Q100 Qualified
7/18/2023 Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com