Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3V3F2UT Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3F2UT Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3F2UT
Download  PESD3V3F2UT Download
File Size   211.68 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection diode

PESD3V3F2UT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3F2UT Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3F2UT
Download  PESD3V3F2UT Click to download

File Size   211.68 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection diode

PESD3V3F2UT Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3F2UT Product details

1. General description
ESD protection device in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic
package designed to protect two high-speed data lines from the damage caused by ElectroStatic
discharge (ESD) and other transients. This product protects especially multimedia applications
such as USB, HDMI and others.
2. Features and benefits
• Reverse stand-off voltage: VRWM = 3.3 V
• Low clamping voltage: VCL= 3.3 V at ITLP = 8 A
• ESD protection up to 8 kV (IEC 61000-4-2)
• Ultra low capacitance: Cd = 0.56 pF
• ESD protection up to 8 kV (ISO 10605; C = 150 pF; R = 330 Ω)
• High temperature capability: Tj = 175 °C
3. Applications
ESD protection for high-speed data lines
• USB2.0, HDMI, DisplayPort, eSATA and LVDS




Similar Part No. - PESD3V3F2UT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
More results


Similar Description - PESD3V3F2UT

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com