Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD4V0Z1BSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD4V0Z1BSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD4V0Z1BSF
Download  PESD4V0Z1BSF Download
File Size   524.89 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode

PESD4V0Z1BSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD4V0Z1BSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD4V0Z1BSF
Download  PESD4V0Z1BSF Click to download

File Size   524.89 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode

PESD4V0Z1BSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD4V0Z1BSF Product details

1. General description
Extremely low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode, which is
part of the TrEOS protection family. The device is housed in a DSN0603-2 (SOD962-2) leadless
ultra small Surface-Mounted Device (SMD) package designed to protect one signal line from
damage caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• Extremely low diode capacitance Cd = 0.28 pF
• Extremely low clamping voltage to protect sensitive I/Os
• Extremely low inductance protection path to ground
• ESD protection up to 20 kV according to IEC 61000-4-2
• Ultra small SMD package
• 9.5 A maximum 8/20 μs peak pulse current
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals




Similar Part No. - PESD4V0Z1BSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD4V0Z1BCSF NEXPERIA-PESD4V0Z1BCSF Datasheet
699Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 March 2021
PESD4V0Z1BCSF NEXPERIA-PESD4V0Z1BCSF Datasheet
689Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 July 2018
PESD4V0Z1BCSFYL NEXPERIA-PESD4V0Z1BCSFYL  Datasheet
689Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 July 2018
PESD4V0Z1BCSF NEXPERIA-PESD4V0Z1BCSF_V01 Datasheet
689Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 July 2018
More results


Similar Description - PESD4V0Z1BSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BSF PHILIPS-PESD5V0F1BSF_15 Datasheet
356Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-10 December 2012
PESD5V0X1BCL PHILIPS-PESD5V0X1BCL_15 Datasheet
400Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-12 March 2012
logo
Nexperia B.V. All right...
PESD5V0F1BSF NEXPERIA-PESD5V0F1BSF Datasheet
239Kb / 13P
Extremely low capacitance bidirectional ESD protection diode
PESD5V0X1BCAL-Q NEXPERIA-PESD5V0X1BCAL-Q Datasheet
215Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
1 June 2022
PESD2V0Y1BSF NEXPERIA-PESD2V0Y1BSF Datasheet
1Mb / 15P
Extremely low capacitance bidirectional ESD protection diode
1 March 2021
PESD2V5Y1BSF NEXPERIA-PESD2V5Y1BSF Datasheet
603Kb / 14P
Extremely low capacitance bidirectional ESD protection diode
8 April 2021
PESD3V3R1BSF NEXPERIA-PESD3V3R1BSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
12 March 2021
PESD3V6Z1BCSF NEXPERIA-PESD3V6Z1BCSF Datasheet
699Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 March 2021
PESD15VW1ACSF NEXPERIA-PESD15VW1ACSF Datasheet
156Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
19 January 2022
PESD5V5HS2-SF NEXPERIA-PESD5V5HS2-SF Datasheet
192Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
23 May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com