Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD15VW1ACSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD15VW1ACSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD15VW1ACSF
Download  PESD15VW1ACSF Download
File Size   156.39 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode

PESD15VW1ACSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD15VW1ACSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD15VW1ACSF
Download  PESD15VW1ACSF Click to download

File Size   156.39 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode

PESD15VW1ACSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD15VW1ACSF Product details

1. General description
Extremely low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode, part of the
TrEOS protection family. This device is housed in a DSN0603-2 (SOD962-2) leadless ultra small
Surface-Mounted Device (SMD) package designed to protect one signal line from the damage
caused by ESD and other transients.
2. Features and benefits
• Asymmetric bidirectional ESD protection of one line
• Asymmetric VRWM = +15 V / -3.3 V device
• IEC 61000-4-5 (surge): IPP = 24.4 A peak pulse (average measured)
• Extremely low diode capacitance: Cd = 0.52 pF typical
• Extremely low clamping voltage to protect sensitive I/Os
• Extremely low-inductance protection path to ground
• ESD protection up to ± 30 kV according to IEC 61000-4-2
• Ultra small SMD package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• USB3.2, USB2.0 and HDMI2.0 data lines




Similar Part No. - PESD15VW1ACSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD15VW1BCSF NEXPERIA-PESD15VW1BCSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
4 May 2021
PESD15VW1UCSF NEXPERIA-PESD15VW1UCSF Datasheet
156Kb / 7P
Extremely low capacitance unidirectional ESD protection diode
25 January 2022
More results


Similar Description - PESD15VW1ACSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BSF PHILIPS-PESD5V0F1BSF_15 Datasheet
356Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-10 December 2012
PESD5V0X1BCL PHILIPS-PESD5V0X1BCL_15 Datasheet
400Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-12 March 2012
logo
Nexperia B.V. All right...
PESD5V0F1BSF NEXPERIA-PESD5V0F1BSF Datasheet
239Kb / 13P
Extremely low capacitance bidirectional ESD protection diode
PESD5V0X1BCAL-Q NEXPERIA-PESD5V0X1BCAL-Q Datasheet
215Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
1 June 2022
PESD2V0Y1BSF NEXPERIA-PESD2V0Y1BSF Datasheet
1Mb / 15P
Extremely low capacitance bidirectional ESD protection diode
1 March 2021
PESD2V5Y1BSF NEXPERIA-PESD2V5Y1BSF Datasheet
603Kb / 14P
Extremely low capacitance bidirectional ESD protection diode
8 April 2021
PESD3V3R1BSF NEXPERIA-PESD3V3R1BSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
12 March 2021
PESD3V6Z1BCSF NEXPERIA-PESD3V6Z1BCSF Datasheet
699Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 March 2021
PESD5V5HS2-SF NEXPERIA-PESD5V5HS2-SF Datasheet
192Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
23 May 2022
PESD9V0Z1BDSF NEXPERIA-PESD9V0Z1BDSF Datasheet
157Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
15 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com