Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD15VW1UCSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD15VW1UCSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD15VW1UCSF
Download  PESD15VW1UCSF Download
File Size   156.55 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance unidirectional ESD protection diode

PESD15VW1UCSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD15VW1UCSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD15VW1UCSF
Download  PESD15VW1UCSF Click to download

File Size   156.55 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance unidirectional ESD protection diode

PESD15VW1UCSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD15VW1UCSF Product details

1. General description
Extremely low capacitance unidirectional ElectroStatic Discharge (ESD) protection diode, part of
the TrEOS protection family. This device is housed in a DSN0603-2 (SOD962-2) leadless ultra
small Surface-Mounted Device (SMD) package, designed to protect one signal line from the
damage caused by ESD and other transients.
2. Features and benefits
• Unidirectional ESD protection of one line
• VRWM = 15 V device
• IEC 61000-4-5 (surge): IPP = 24 A peak pulse (average measured)
• Extremely low diode capacitance: Cd = 1 pF typical
• Extremely low clamping voltage to protect sensitive I/Os
• Extremely low-inductance protection path to ground
• ESD protection up to ± 30 kV according to IEC 61000-4-2
• Ultra small SMD package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• USB2.0, SD-card data lines




Similar Part No. - PESD15VW1UCSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD15VW1ACSF NEXPERIA-PESD15VW1ACSF Datasheet
156Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
19 January 2022
PESD15VW1BCSF NEXPERIA-PESD15VW1BCSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
4 May 2021
More results


Similar Description - PESD15VW1UCSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1USF PHILIPS-PESD5V0F1USF_15 Datasheet
292Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
Rev. 1-11 December 2012
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
logo
Nexperia B.V. All right...
PESD5V0F1USF NEXPERIA-PESD5V0F1USF Datasheet
239Kb / 10P
Extremely low capacitance unidirectional ESD protection diode
PESD5V0C1UZF NEXPERIA-PESD5V0C1UZF Datasheet
228Kb / 12P
Extremely low capacitance unidirectional ESD protection diode
PESD5V5C1UL-Q NEXPERIA-PESD5V5C1UL-Q Datasheet
215Kb / 11P
Extremely low clamping unidirectional ESD protection diode
6 April 2023
PESD5V0C2UM-Q NEXPERIA-PESD5V0C2UM-Q Datasheet
235Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD5V0C1ULS-Q NEXPERIA-PESD5V0C1ULS-Q Datasheet
220Kb / 11P
Extremely low clamping unidirectional ESD protection diode
4 April 2022
PESD4V0X2UM NEXPERIA-PESD4V0X2UM Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
2022-12-13
PESD5V0C2UM NEXPERIA-PESD5V0C2UM Datasheet
234Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PUSB3FS4 NEXPERIA-PUSB3FS4 Datasheet
169Kb / 7P
Extremely low capacitance unidirectional ESD protection diode array
8 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com