Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0011113 Datasheet (PDF) - Lapp.

0011113 Datasheet PDF - Lapp.
Part # 0011113
Download  0011113 Download
File Size   74.34 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description OLFLEX® 191

0011113 Datasheet (PDF)

Go To PDF Page Download Datasheet
0011113 Datasheet PDF - Lapp.

Part # 0011113
Download  0011113 Click to download

File Size   74.34 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description OLFLEX® 191

0011113 Datasheet (HTML) - Lapp.


0011113 Product details

Application
‘OLFLEX® 191 cables ar o resistant contrl cabls for the European, Northern American and Canadian market for occasionl flexible use:
and fixed instalation subject to normal mechanical load conditions. Ty are also sutabe for use i dry, damp or wet areas. If using
outdoors, observe the indicated temperature range and use with UV protection
‘OLFLEX® 191 cables are increased resitant to oils and at room temperature argely resistant to acds and akalis. Thy are siable for
occasional, non-automated movements. The maximum tensie load i 15 N/mm? of condctor cross-section during nstalation and
operation. Compulsory guidance i not permitted
Applcation range: Plant engineering, industrial machinery, heating and ai-conditiring systems and machine tools
USE ace. to UL: PV sheathed cables for external nterconnection or intemal wiring of electronic equipment,

applances where exposed to o at a temperature not exceeding 80°C (30°C oilating)
USE acc. to CSA: 1478 and I A/B. Cables for intemal wiring orexternalinterconnection with o without.

‘mechanical abuse




Similar Part No. - 0011113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
001111-0065 MOLEX11-001111-0065 Datasheet
16Kb / 1P
Conductor Anvil
001111-0066 MOLEX11-001111-0066 Datasheet
16Kb / 1P
Conductor Punch
001111-0067 MOLEX11-001111-0067 Datasheet
16Kb / 1P
Insulation Anvil
001111-0068 MOLEX11-001111-0068 Datasheet
16Kb / 1P
Barrel Form Punch
001111-0069 MOLEX11-001111-0069 Datasheet
16Kb / 1P
Barrel Form Punch
More results


Similar Description - 0011113

ManufacturerPart #DatasheetDescription
logo
Lapp.
0011180 LAPP-0011180 Datasheet
75Kb / 1P
OLFLEX® 191 CY
01.01.2019
0012800 LAPP-0012800 Datasheet
171Kb / 1P
OLFLEX® 440 P
01.01.2019
0012900 LAPP-0012900 Datasheet
175Kb / 1P
OLFLEX® 440 CP
01.01.2019
0015003 LAPP-0015003 Datasheet
72Kb / 1P
OLFLEX® 150
01.01.2019
0015703 LAPP-0015703 Datasheet
73Kb / 1P
OLFLEX® 150 CY
01.01.2019
0019700 LAPP-0019700 Datasheet
69Kb / 1P
OLFLEX® CLASSIC 110 ORANGE
01.01.2019
0046001 LAPP-0046001 Datasheet
66Kb / 1P
OLFLEX® HEAT 180 SiHF
05.08.2019
0047000 LAPP-0047000 Datasheet
67Kb / 1P
OLFLEX® HEAT 180 SiF
01.01.2019
0091350 LAPP-0091350 Datasheet
72Kb / 1P
OLFLEX® HEAT 350 SC
01.01.2019
1120730 LAPP-1120730 Datasheet
70Kb / 1P
OLFLEX® CLASSIC 110 LT
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com