Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0011180 Datasheet (PDF) - Lapp.

0011180 Datasheet PDF - Lapp.
Part # 0011180
Download  0011180 Download
File Size   75.78 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description OLFLEX® 191 CY

0011180 Datasheet (PDF)

Go To PDF Page Download Datasheet
0011180 Datasheet PDF - Lapp.

Part # 0011180
Download  0011180 Click to download

File Size   75.78 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description OLFLEX® 191 CY

0011180 Datasheet (HTML) - Lapp.


0011180 Product details

Application
‘OLFLEX® 191 CY cables ae screened oilresstant control cables for the European, Northern American and Canadian market for occasionsl
flexible use and fixed instalaion subject to normal mechanical load concitions. They ae also uitable for use in dry, dam or wet areas. I
using outdoors, observe the indicated temperature range and use vith UV protecion.
‘OLFLEX® 191 CY cables ae increased resistant to ois and atfoom temperature largely resistant to acids and alkais. They are sitable for
ccasional, non-automated movements. The maximum tensie load is 15 N/mm? of conductor cross-section during nstalation and
operation. Compulsory guidance i not permitted
Application range: Plant engineering, industrial machinery, heating and ai-conditioing systems
USE according to UL: PVC sheathed cables for external interconnection o internal wiring of lectronic equipment,

appliances where exposed to ol at a temperature not exceeding 80° C.
USE according to CSA 1 A/B and Il A/B. Cables for intemal wring or extemal nterconnection with or without

‘mechanical abuse.




Similar Part No. - 0011180

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
001118-2130 MOLEX11-001118-2130 Datasheet
31Kb / 1P
Mini-Mac??Applicator
001118-2234 MOLEX11-001118-2234 Datasheet
32Kb / 1P
Mini-Mac??Applicator
001118-4008 MOLEX11-001118-4008 Datasheet
20Kb / 1P
Conductor Punch
001118-4010 MOLEX11-001118-4010 Datasheet
20Kb / 1P
Conductor Anvil
001118-4016 MOLEX11-001118-4016 Datasheet
20Kb / 1P
Insulation Punch
More results


Similar Description - 0011180

ManufacturerPart #DatasheetDescription
logo
Lapp.
0011113 LAPP-0011113 Datasheet
74Kb / 1P
OLFLEX® 191
09.03.2021
0012800 LAPP-0012800 Datasheet
171Kb / 1P
OLFLEX® 440 P
01.01.2019
0012900 LAPP-0012900 Datasheet
175Kb / 1P
OLFLEX® 440 CP
01.01.2019
0015003 LAPP-0015003 Datasheet
72Kb / 1P
OLFLEX® 150
01.01.2019
0015703 LAPP-0015703 Datasheet
73Kb / 1P
OLFLEX® 150 CY
01.01.2019
0032202 LAPP-0032202 Datasheet
63Kb / 1P
UNITRONIC® LiYCY-CY
01.01.2019
0035000 LAPP-0035000 Datasheet
67Kb / 1P
OLFLEX® CLASSIC 100 CY 450/750 V
21.06.2023
0035001 LAPP-0035001 Datasheet
66Kb / 1P
OLFLEX® CLASSIC 100 CY 300/500 V
21.06.2023
1121200 LAPP-1121200 Datasheet
67Kb / 1P
OLFLEX® CLASSIC 110 CY BLACK 0,6/ 1kV
01.01.2019
1136752 LAPP-1136752 Datasheet
65Kb / 1P
OLFLEX® CLASSIC 115 CY
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com