Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1121200 Datasheet (PDF) - Lapp.

1121200 Datasheet PDF - Lapp.
Part # 1121200
Download  1121200 Download
File Size   67.17 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description OLFLEX® CLASSIC 110 CY BLACK 0,6/ 1kV

1121200 Datasheet (PDF)

Go To PDF Page Download Datasheet
1121200 Datasheet PDF - Lapp.

Part # 1121200
Download  1121200 Click to download

File Size   67.17 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description OLFLEX® CLASSIC 110 CY BLACK 0,6/ 1kV

1121200 Datasheet (HTML) - Lapp.


1121200 Product details

Application

‘GLFLEX® GLASSIC 110 GY BLACK 0,6/ 1KV cables are power and control cables with a black outer sheath for occasional lexible use and
fixed installtion subject to medium mechanical load conditions. They are also uitabl foruse in dry, demp or wet areas. They are suitable
for outdoor use f the indicated temperature range is observed. They are largly resistant o acids, alkals and (cerain) oils at room
temperature. They are suitable for occasional, non-automated movements. The maximum tensie oed is 15 N/mm? of conductor cross-
Section during instalaion and operation. Compuisory guidance is not permited. The screening braid protects against inerference from
electical ilds.

Application range: Plant engineering and constructon, industrial machinery, heating air conditioning systems, power staton, stage
application.




Similar Part No. - 1121200

ManufacturerPart #DatasheetDescription
logo
Optronics International
11212700B OPTRONICS-11212700B Datasheet
214Kb / 2P
GloLight LED Millennium Series 4" Sealed Marker/Clearance Lights
11212700BB OPTRONICS-11212700BB Datasheet
214Kb / 2P
GloLight LED Millennium Series 4" Sealed Marker/Clearance Lights
11212701B OPTRONICS-11212701B Datasheet
214Kb / 2P
GloLight LED Millennium Series 4" Sealed Marker/Clearance Lights
11212702B OPTRONICS-11212702B Datasheet
214Kb / 2P
GloLight LED Millennium Series 4" Sealed Marker/Clearance Lights
11212704B OPTRONICS-11212704B Datasheet
214Kb / 2P
GloLight LED Millennium Series 4" Sealed Marker/Clearance Lights
More results


Similar Description - 1121200

ManufacturerPart #DatasheetDescription
logo
Lapp.
0011180 LAPP-0011180 Datasheet
75Kb / 1P
OLFLEX® 191 CY
01.01.2019
0015703 LAPP-0015703 Datasheet
73Kb / 1P
OLFLEX® 150 CY
01.01.2019
0019700 LAPP-0019700 Datasheet
69Kb / 1P
OLFLEX® CLASSIC 110 ORANGE
01.01.2019
0035000 LAPP-0035000 Datasheet
67Kb / 1P
OLFLEX® CLASSIC 100 CY 450/750 V
21.06.2023
0035001 LAPP-0035001 Datasheet
66Kb / 1P
OLFLEX® CLASSIC 100 CY 300/500 V
21.06.2023
1120450 LAPP-1120450 Datasheet
77Kb / 1P
OLFLEX® CLASSIC 100 BK 0,6 /1 kV
16.10.2020
1120730 LAPP-1120730 Datasheet
70Kb / 1P
OLFLEX® CLASSIC 110 LT
01.01.2019
1125752 LAPP-1125752 Datasheet
174Kb / 1P
OLFLEX® CLASSIC 110 SY
08.03.2023
1136752 LAPP-1136752 Datasheet
65Kb / 1P
OLFLEX® CLASSIC 115 CY
01.01.2019
1120366 LAPP-1120366 Datasheet
237Kb / 5P
ÖLFLEX® CLASSIC 110 BLACK 0,6/1 kV
14.11.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com