Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5318 Datasheet (PDF) - Micrel Semiconductor

MIC5318 Datasheet PDF - Micrel Semiconductor
Part # MIC5318
Download  MIC5318 Download
File Size   321.12 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Performance 300mA uCap ULDO TM

MIC5318 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5318 Datasheet PDF - Micrel Semiconductor

Part # MIC5318
Download  MIC5318 Click to download

File Size   321.12 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Performance 300mA uCap ULDO TM

MIC5318 Datasheet (HTML) - Micrel Semiconductor


MIC5318 Product details

General Description
The MIC5318 is a high performance, single output ultra low drop-out (ULDO™) regulator, offering low total output noise in an ultra-small Thin MLF® package. The MIC5318 is capable of sourcing 300mA output current and offers high PSRR and low output noise, making it an ideal solution for RF applications.

Features
• Ultra low dropout voltage 110mV @ 300mA
• Input voltage range: 2.3V to 6.0V
• 300mA guaranteed output current
• Stable with ceramic output capacitors
• Ultra low output noise – 30µVrms
• Low quiescent current – 85µA total
• High PSRR > 70dB@1kHz
• Less than 35µs turn-on time
• High output accuracy
    – ± 2% initial accuracy
    – ± 3% over temperature
• Thermal shutdown and current limit protection
• Tiny 6-pin 1.6mm x 1.6mm Thin MLF® package
• Thin SOT23-5 package

Applications
• Mobile phones
• PDAs
• GPS receivers
• Portable electronics
• Digital still and video cameras




Similar Part No. - MIC5318

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5318-1.5YD5 MICREL-MIC5318-1.5YD5 Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
MIC5318-1.5YMT MICREL-MIC5318-1.5YMT Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
MIC5318-1.8YD5 MICREL-MIC5318-1.8YD5 Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
MIC5318-1.8YMT MICREL-MIC5318-1.8YMT Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
MIC5318-2.5YD5 MICREL-MIC5318-2.5YD5 Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
More results


Similar Description - MIC5318

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
Dual, High Performance 300mA UCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
Micro-Power High Performance Dual 300mA ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
Micro-Power High Performance Dual 300mA ULDO?
MIC5333 MICREL-MIC5333 Datasheet
349Kb / 12P
Micro-Power High Performance Dual 300mA ULDO??with Dual POR
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
Dual, High Performance 300mA 關Cap ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
Micro-Power High Performance Dual 300mA ULDO?
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com