Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5320 Datasheet (PDF) - Micrel Semiconductor

MIC5320 Datasheet PDF - Micrel Semiconductor
Part # MIC5320
Download  MIC5320 Download
File Size   423.65 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual, High Performance 150mA uCap ULDO

MIC5320 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5320 Datasheet PDF - Micrel Semiconductor

Part # MIC5320
Download  MIC5320 Click to download

File Size   423.65 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual, High Performance 150mA uCap ULDO

MIC5320 Datasheet (HTML) - Micrel Semiconductor


MIC5320 Product details

General Description

The MIC5320 is a tiny Dual Ultra Low-Dropout (ULDO™) linear regulator ideally suited for portable

electronics. It’s ideal for today’s most demanding ultra-thin portable applications including mobile

phones, camera modules, imaging sensors for digital still and video cameras, PDAs, portable media players (PMP) and PC cameras. The MIC5320 integrates two high-performance, 150mA ULDOs into a tiny 6-pin 1.6mm x 1.6mm leadless Thin MLF® package, which provides exceptional thermal package characteristics.



Features

• 2.3V to 5.5V input voltage range

• Ultra-low dropout voltage ULDO™ 35mV @150mA

• Tiny 6-pin 1.6mm x 1.6mm Thin MLF® leadless package

• Low-cost TSOT-23-6 package

• Independent enable pins

• 150mA output current per LDO

• µCap stable with 1µF ceramic capacitor

• Low quiescent current – 85µA per output

• Fast turn-on time – 30µs

•Thermal-shutdown protection

•Current-limit protection




Similar Part No. - MIC5320

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.5YD6 MICREL-MIC5320-1.8/1.5YD6 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.5YMT MICREL-MIC5320-1.8/1.5YMT Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.6YD6 MICREL-MIC5320-1.8/1.6YD6 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5320-1.8/1.6YMT MICREL-MIC5320-1.8/1.6YMT Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
More results


Similar Description - MIC5320

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
logo
Micrel Semiconductor
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
High Performance 300mA uCap ULDO TM
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
Dual, High Performance 300mA UCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
Micro-Power High Performance Dual 300mA ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com