Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5322 Datasheet (PDF) - Micrel Semiconductor

MIC5322 Datasheet PDF - Micrel Semiconductor
Part # MIC5322
Download  MIC5322 Download
File Size   317.09 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual, High Performance 150mA 關Cap ULDO?

MIC5322 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5322 Datasheet PDF - Micrel Semiconductor

Part # MIC5322
Download  MIC5322 Click to download

File Size   317.09 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual, High Performance 150mA 關Cap ULDO?

MIC5322 Datasheet (HTML) - Micrel Semiconductor


MIC5322 Product details

General Description
The MIC5322 is a tiny Dual Ultra Low-Dropout (ULDO™) linear regulator ideally suited for those applications that require high Power Supply Rejection Ratio (PSRR). It provides a bypass pin to increase PSRR for noise sensitive portable electronics. The MIC5322 integrates two high-performance; 150mA ULDOs into a very compact 1.6mm x 1.6mm leadless Thin MLF® package with exceptional thermal package characteristics.
   
Features
• 2.3V to 5.5V input voltage range
• Ultra-low dropout voltage ULDO™ 35mV @
    150mA
• Tiny 6-pin 1.6mm x 1.6mm Thin MLF® leadless
    package
• Bypass pin for improved noise performance
• High PSRR – >75dB on each LDO
• Ultra low noise output - > 30µVrms
• Dual 150mA outputs
• µCap stable with 1µF ceramic capacitor
• Low quiescent current – 150µA
• Fast turn-on time – 45µs
• Thermal shutdown protection
• Current Limit protection
   
Applications
• Mobile phones
• GPS receivers
• Portable media players
• Digital still and video cameras
• PDAs
• Portable electronics
   




Similar Part No. - MIC5322

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322-2.8/1.5YMT MICREL-MIC5322-2.8/1.5YMT Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322-2.8/1.8YMT MICREL-MIC5322-2.8/1.8YMT Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322-2.85/2.85YMT MICREL-MIC5322-2.85/2.85YMT Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322-3.0/2.85YMT MICREL-MIC5322-3.0/2.85YMT Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
More results


Similar Description - MIC5322

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
Single, 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
Dual, High Performance 300mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com