Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1660GTF-Z Datasheet (PDF) - Monolithic Power Systems

MP1660GTF-Z Datasheet PDF - Monolithic Power Systems
Part # MP1660GTF-Z
Download  MP1660GTF-Z Download
File Size   1321.88 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package

MP1660GTF-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1660GTF-Z Datasheet PDF - Monolithic Power Systems

Part # MP1660GTF-Z
Download  MP1660GTF-Z Click to download

File Size   1321.88 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package

MP1660GTF-Z Datasheet (HTML) - Monolithic Power Systems


MP1660GTF-Z Product details

DESCRIPTION
The MP1660 is a fully integrated, highfrequency,
synchronous, rectified, step-down,
switch-mode converter with internal power
MOSFETs. The MP1660 offers a very compact
solution that achieves 3A of output current, with
excellent load and line regulation over a wide
input range. The MP1660 uses synchronous
mode operation for higher efficiency over the
output current load range.
Constant-on-time (COT) control operation
provides very fast transient response, easy loop
design, and very tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP1660 requires a minimal number of
readily available, standard external
components, and is available in a space-saving
SOT563 package.

FEATURES
 Wide 4.5V to 16V Operating Input Range
 110mΩ/60mΩ Low RDS(ON) Internal Power
MOSFETs
 190μA Low IQ
 High-Efficiency Synchronous Mode
Operation
 Power-Save Mode at Light-Load
 Fast Load Transient Response
 600kHz Switching Frequency
 Internal Soft Start (SS)
 Over-Current Protection (OCP) and Hiccup
Mode
 Thermal Shutdown
 Output Adjustable from 0.6V
 Available in a SOT563 Package

APPLICATIONS
 Security Cameras
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 General Purposes




Similar Part No. - MP1660GTF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1660GTF MPS-MP1660GTF Datasheet
618Kb / 9P
600kHz, 3A, 16V, High-Efficiency Step-Down Converter Evaluation Board
11/9/2020 Rev. 1.0
More results


Similar Description - MP1660GTF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
600KHz, 16V竊?A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP9459 MPS-MP9459 Datasheet
1Mb / 19P
17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
Rev. 1.0 1/13/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com