Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9459 Datasheet (PDF) - Monolithic Power Systems

MP9459 Datasheet PDF - Monolithic Power Systems
Part # MP9459
Download  MP9459 Download
File Size   1517.48 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package

MP9459 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP9459 Datasheet PDF - Monolithic Power Systems

Part # MP9459
Download  MP9459 Click to download

File Size   1517.48 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package

MP9459 Datasheet (HTML) - Monolithic Power Systems


MP9459 Product details

DESCRIPTION
The MP9459 is a fully integrated, highfrequency,
synchronous, rectified, step-down,
switch-mode converter with internal power
MOSFETs. The device is a compact solution
that achieves 4A of output current over a wide
input range with excellent load and line
regulation. It uses synchronous mode operation
for higher efficiency over the output current load
range.
Constant-on-time (COT) control operation
provides very fast transient response, easy loop
design, and very tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP9459 requires a minimal number of
readily available, standard external
components. It is available in a space-saving
SOT563 (1.6mmх1.6mm) package.

FEATURES
 Wide 4.2V to 17V Operating Input Range
 60mΩ/30mΩ Low RDS(ON) Internal Power
MOSFETs
 200μA Low Quiescent Current
 High-Efficiency Synchronous Mode
Operation
 Power-Save Mode at Light Load
 Fast Load Transient Response
 600kHz Switching Frequency
 Internal Soft Start (SS)
 Over-Current Protection (OCP) and Hiccup
Mode
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in an SOT563 (1.6mmх1.6mm)
Package

APPLICATIONS
 Security Cameras
 Digital Set-Top Boxes
 Flat-Panel Televisions and Monitors
 General Purpose




Similar Part No. - MP9459

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9403 MPS-MP9403 Datasheet
344Kb / 13P
3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
MP9403EN MPS-MP9403EN Datasheet
344Kb / 13P
3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
logo
PerkinElmer Optoelectro...
MP942 PERKINELMER-MP942 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
MP943 PERKINELMER-MP943 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
MP944 PERKINELMER-MP944 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
More results


Similar Description - MP9459

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP2317 MPS-MP2317 Datasheet
492Kb / 16P
26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
logo
Monolithic Power System...
MP1660 MPS-MP1660 Datasheet
1Mb / 20P
16V, 3A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter with 0.6V VREF in a SOT563 Package
Rev. 1.0 6/9/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com