Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9459 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP9459 Datasheet HTML 1Page - Monolithic Power Systems MP9459 Datasheet HTML 2Page - Monolithic Power Systems MP9459 Datasheet HTML 3Page - Monolithic Power Systems MP9459 Datasheet HTML 4Page - Monolithic Power Systems MP9459 Datasheet HTML 5Page - Monolithic Power Systems MP9459 Datasheet HTML 6Page - Monolithic Power Systems MP9459 Datasheet HTML 7Page - Monolithic Power Systems MP9459 Datasheet HTML 8Page - Monolithic Power Systems MP9459 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP9459 – SYNCHRONOUS, STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP9459 Rev. 1.0
www.MonolithicPower.com
2
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP9459GTF
SOT563 (1.
6mmх1.6mm)
See Below
1
* For Tape & Reel, add suffix
–Z (e.g. MP9459GTF–Z).
TOP MARKING
BPD: Product code of MP9459GTF
Y: Year code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
SOT563
(1.6mmх1.6mm)
PIN FUNCTIONS
Pin #
Name Description
1
VIN
Supply voltage. The MP9459 operates from a 4.2V to 17V input rail. A capacitor (C1) is
required to decouple the input rail. Connect VIN using a wide PCB trace.
2
SW
Switch output. Connect SW using a wide PCB trace.
3
GND
System ground. GND is the reference ground of the regulated output voltage. GND requires
additional consideration while designing the PCB layout. Connect GND with copper traces
and vias.
4
BST
Bootstrap. Connect a capacitor and a resistor between SW and BST to form a floating
supply across the high-side switch driver. Use a 1µF bootstrap capacitor.
5
EN
Enable. Drive EN high to enable the MP9459. For automatic start-up, connect EN to VIN with
a 100kΩ pull-up resistor.
6
FB
Feedback. To set the output voltage, connect FB to the tap of an external resistor divider
from the output to GND. The frequency foldback comparator lowers the oscillator frequency
when the FB voltage drops below 600mV. This prevents current-limit runaway during a short-
circuit fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com