Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9459 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP9459 Datasheet HTML 8Page - Monolithic Power Systems MP9459 Datasheet HTML 9Page - Monolithic Power Systems MP9459 Datasheet HTML 10Page - Monolithic Power Systems MP9459 Datasheet HTML 11Page - Monolithic Power Systems MP9459 Datasheet HTML 12Page - Monolithic Power Systems MP9459 Datasheet HTML 13Page - Monolithic Power Systems MP9459 Datasheet HTML 14Page - Monolithic Power Systems MP9459 Datasheet HTML 15Page - Monolithic Power Systems MP9459 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP9459 – SYNCHRONOUS, STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP9459 Rev. 1.0
www.MonolithicPower.com
12
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage. First, choose a value for R2. Choose a
reasonable R2, since a small R2 leads to a
considerable quiescent current loss, while a
large R2 makes FB noise-sensitive. R1 can be
determined with Equation (2):
OUT
REF
REF
VV
R1
R2
V

(2)
Figure 4 shows the feedback circuit.
MP9459
FB
R1
R2
VOUT
RT
Figure 4: Feedback Network
Table 1 lists the recommended parameters for
common output voltages.
Table 1: Parameters for Common Output
Voltages (9)
VOUT (V)
R1
(kΩ)
R2
(kΩ)
RT
(kΩ)
L
(μH)
5
40.2
7.68
75
3.3
3.3
40.2
13
75
2.2
2.5
40.2
19.1
115
2.2
1.8
40.2
32.4
115
1.5
1.5
40.2
45.3
160
1.5
1.2
40.2
82
210
1
1
20.5
84.5
316
1
Note:
9)
For a detailed design circuit, see the Typical Application
Circuits on pages 15, 16, and 17.
Selecting the Inductor
An inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger-value
inductance results in less ripple current and
lower output ripple voltage. However, a larger
inductance has a larger physical size, higher
series resistance, and lower saturation current.
A good rule to determine the inductance value
is to design the peak-to-peak ripple current in
the inductor to be between 30% and 60% of the
maximum output current, and to keep the peak
inductor current below the maximum switch
current limit. The inductance value can be
calculated with Equation (3):
OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
 

(3)
Where
∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current. The peak
inductor
current
can
be
calculated
with
Equation (4):
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2f
L
V
 
(4)
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
AC current to the converter while maintaining
the DC input voltage. For the best performance,
use ceramic capacitors placed as close to VIN
as possible. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they
are
fairly
stable
amid
temperature
fluctuations.
The capacitors must also have a ripple current
rating that exceeds the
converter’s maximum
input ripple current. The input ripple current can
be estimated with Equation (5):
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(5)
The worst-case condition occurs at VIN = 2 x
VOUT, estimated with Equation (6):
OUT
CIN
I
I
2
(6)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitance value determines the
input voltage ripple of the converter. If there is
an input voltage ripple requirement in the
system, choose an input capacitor that meets
the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com