Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9459 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9459
Description  17V, 4A, 600kHz, High-Efficiency,Synchronous, Step-Down Converter in an SOT563 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9459 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9459 Datasheet HTML 9Page - Monolithic Power Systems MP9459 Datasheet HTML 10Page - Monolithic Power Systems MP9459 Datasheet HTML 11Page - Monolithic Power Systems MP9459 Datasheet HTML 12Page - Monolithic Power Systems MP9459 Datasheet HTML 13Page - Monolithic Power Systems MP9459 Datasheet HTML 14Page - Monolithic Power Systems MP9459 Datasheet HTML 15Page - Monolithic Power Systems MP9459 Datasheet HTML 16Page - Monolithic Power Systems MP9459 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP9459 – SYNCHRONOUS, STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP9459 Rev. 1.0
www.MonolithicPower.com
13
1/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The input voltage ripple can be estimated with
Equation (7):
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
f
C
V
V
 
(7)
The worst-case condition occurs at VIN = 2 x
VOUT, calculated with Equation (8):
OUT
IN
SW
IN
I
1
V
4
f
C
 
(8)
Selecting the Output Capacitor
An output capacitor is required to maintain the
DC
output
voltage.
Ceramic
or
POSCAP
capacitors
are
recommended.
The
output
voltage ripple can be estimated with Equation
(9):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8 f
C
 
(9)
In
the
case
of
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency and causes most of the
output voltage ripple. For simplification, the
output voltage ripple can be calculated with
Equation (10):
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
L C
V
 
 
(10)
The output voltage ripple caused by the ESR is
very small.
In the case of POSCAP capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be estimated with Equation (11):
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
 
(11)
A larger output capacitor can improve load
transient response, but the maximum output
capacitor limitation should also be considered in
the design application. If the output capacitance
is too high, the output voltage cannot reach the
design value during the soft-start time, and the
device fails to regulate.
The maximum output capacitor value (CO_MAX)
can be estimated with Equation (12):
O _ MAX
LIM _ AVG
OUT
ss
OUT
C
(I
I
) t / V
(12)
Where ILIM_AVG is the average start-up current
during the soft-start period, and tss is the soft-
start time.
Design Example
Table 2 shows a design example with ceramic
capacitors.
Table 2: Design Example
VIN
12V
VOUT
3.3V
IOUT
4A
For detailed application schematics, see the
Typical Applications Circuits section on page 15.
For typical performance and waveforms, see
the Typical Performance Characteristics section
on page 5. For more device applications, refer
to the related evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com