Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2338GTL Datasheet (PDF) - Monolithic Power Systems

MP2338GTL Datasheet PDF - Monolithic Power Systems
Part # MP2338GTL
Download  MP2338GTL Download
File Size   1291.0 Kbytes
Page   25 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package

MP2338GTL Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2338GTL Datasheet PDF - Monolithic Power Systems

Part # MP2338GTL
Download  MP2338GTL Click to download

File Size   1291.0 Kbytes
Page   25 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package

MP2338GTL Datasheet (HTML) - Monolithic Power Systems


MP2338GTL Product details

DESCRIPTION
The MP2338 is a fully integrated, highfrequency,
synchronous, rectified, step-down
switch-mode converter with internal power
MOSFETs. It offers a very compact solution to
achieve 3A of continuous output current across
a wide input range, with excellent load and line
regulation. The MP2338 has synchronous
mode operation for high efficiency across the
wide output current load range.
Constant-on-time (COT) control provides very
fast transient response and easy loop design,
as well as tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP2338 requires a minimal number of
readily available, standard external components.
It is available in a space-saving SOT583
package.

FEATURES
 Wide 4.5V to 28V Operating Input Range
 Wide 0.5V to 16V VOUT
 ±1.5% Internal Reference Accuracy Over-
Temperature
 115mΩ/55mΩ Low RDS(ON) Internal Power
MOSFETs
 160μA Quiescent Current
 >90% Efficiency for 24V to 5V/3A Condition
 Power Save Mode at Light Load
 Fast Load Transient Response
 450kHz Switching Frequency
 tON Extension to Improve Dropout
 Configurable Soft-Start Time
 Power Good Indication
 Over-Current Protection (OCP) with Hiccup
Mode
 Thermal Shutdown Protection
 Available in an SOT583 Package




Similar Part No. - MP2338GTL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2331H MPS-MP2331H Datasheet
1Mb / 20P
24V, 2A, 1.2MHz, Synchronous Buck Converter
10/18/2018 Rev. 1.0
MP2331HGTL MPS-MP2331HGTL Datasheet
1Mb / 20P
24V, 2A, 1.2MHz, Synchronous Buck Converter
10/18/2018 Rev. 1.0
MP2331HGTL-P MPS-MP2331HGTL-P Datasheet
1Mb / 20P
24V, 2A, 1.2MHz, Synchronous Buck Converter
10/18/2018 Rev. 1.0
MP2331HGTL-Z MPS-MP2331HGTL-Z Datasheet
1Mb / 20P
24V, 2A, 1.2MHz, Synchronous Buck Converter
10/18/2018 Rev. 1.0
More results


Similar Description - MP2338GTL

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476A EUTECH-EUP3476A Datasheet
159Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2303A MPS-MP2303A Datasheet
441Kb / 15P
3A, 28V, 360kHz Synchronous Rectified Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
logo
Anpec Electronics Corop...
A5268 ANPEC-A5268 Datasheet
479Kb / 16P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Rev.B.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com