Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2331HGTL Datasheet (PDF) - Monolithic Power Systems

MP2331HGTL Datasheet PDF - Monolithic Power Systems
Part # MP2331HGTL
Download  MP2331HGTL Download
File Size   1285.44 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V, 2A, 1.2MHz, Synchronous Buck Converter

MP2331HGTL Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2331HGTL Datasheet PDF - Monolithic Power Systems

Part # MP2331HGTL
Download  MP2331HGTL Click to download

File Size   1285.44 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V, 2A, 1.2MHz, Synchronous Buck Converter

MP2331HGTL Datasheet (HTML) - Monolithic Power Systems


MP2331HGTL Product details

DESCRIPTION
The MP2331H is a fully integrated, highfrequency, synchronous, rectified, step-down, switch-mode converter with internal power MOSFETs. The MP2331H offers a very compact solution that achieves 2A of continuous output current with excellent load and line regulation over a wide input range. The MP2331H uses synchronous mode operation for higher efficiency over the output current load range.
Constant-on-time (COT) control operation provides very fast transient response, easy loop design, and very tight output regulation.
Full protection features include short-circuit protection (SCP), over-current protection (OCP), under-voltage protection (UVP), and thermal shutdown.
The MP2331H requires a minimal number of readily available, standard, external components and is available in a space-saving SOT583 package.

FEATURES
 Wide 4.2V to 24V Operating Input Range
 110mΩ/45mΩ Low RDS(ON) Internal Power MOSFETs
 200μA Low IQ
 High-Efficiency Synchronous Mode Operation
 Fast Load Transient Response
 1.2MHz Switching Frequency
 TON Extension
 Forced PWM Operation
 Programmable Soft-Start Time
 Power Good (PG) Indication
 Over-Current Protection (OCP) and Hiccup
 Pre-Bias Start-Up
 Thermal Shutdown
 Available in a SOT583 (1.6mmx2.1mm) Package

APPLICATIONS
 Game Consoles
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 General Purposes




Similar Part No. - MP2331HGTL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2338 MPS-MP2338 Datasheet
1Mb / 25P
High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
Rev. 1.0 12.11.2020
MP2338GTL MPS-MP2338GTL Datasheet
1Mb / 25P
High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
Rev. 1.0 12.11.2020
MP2338GTL-Z MPS-MP2338GTL-Z Datasheet
1Mb / 25P
High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
Rev. 1.0 12.11.2020
More results


Similar Description - MP2331HGTL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com