Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6619 Datasheet (PDF) - Monolithic Power Systems

MP6619 Datasheet PDF - Monolithic Power Systems
Part # MP6619
Download  MP6619 Download
File Size   1332.82 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.4V to 28V, 5A,H-Bridge Motor Driver

MP6619 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6619 Datasheet PDF - Monolithic Power Systems

Part # MP6619
Download  MP6619 Click to download

File Size   1332.82 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.4V to 28V, 5A,H-Bridge Motor Driver

MP6619 Datasheet (HTML) - Monolithic Power Systems


MP6619 Product details

DESCRIPTION
The MP6619 is an H-bridge motor driver that
operates from a supply voltage up to 28V and
delivers a motor current up to 5A. The MP6619
is ideally suited to drive a brushed DC motor.
The MP6619 also has cycle-by-cycle current
limiting.
Full protection features include over-current
protection (OCP), input over-voltage protection
(OVP), under-voltage lockout (UVLO), and
thermal shutdown.
The MP6619 is available in a QFN-19
(3mmx3mm) package.

FEATURES
 Wide 5.4V to 28V Operating Input Range
 Up to 5A Peak Output Current
 Internal H-Bridge Driver
 Cycle-by-Cycle Current Limiting
 65mΩ RDS(ON) for Each Half-Bridge
MOSFET
 100% Duty Cycle Operation of H-Bridge
 1μA Shutdown Mode
 Output Short-Circuit Protection (SCP)
 Input Over-Voltage Protection (OVP)
 Under-Voltage Lockout (UVLO)
 Over-Temperature Shutdown
 Fault Indication Output
 Available in a QFN-19 (3mmx3mm)
Package

APPLICATIONS
 DC Motors
 Solenoid/Actuators




Similar Part No. - MP6619

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6619LGQ MPS-MP6619LGQ Datasheet
534Kb / 7P
2.5V to 28V, 5A, H-Bridge Motor Driver Evaluation Board
6/29/2022 Rev. 1.0
More results


Similar Description - MP6619

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Monolithic Power System...
EV6519-Q-00A MPS-EV6519-Q-00A Datasheet
401Kb / 5P
5A, 28V H-Bridge Current Regulator Evaluation Board
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
logo
MPS Industries, Inc.
MP6551 MPSIND-MP6551 Datasheet
1Mb / 16P
14V, 5A, H-Bridge Motor Driver
Rev. 1.0 7/7/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com