Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6551 Datasheet (PDF) - MPS Industries, Inc.

MP6551 Datasheet PDF - MPS Industries, Inc.
Part # MP6551
Download  MP6551 Download
File Size   1144.07 Kbytes
Page   16 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 14V, 5A, H-Bridge Motor Driver

MP6551 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6551 Datasheet PDF - MPS Industries, Inc.

Part # MP6551
Download  MP6551 Click to download

File Size   1144.07 Kbytes
Page   16 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 14V, 5A, H-Bridge Motor Driver

MP6551 Datasheet (HTML) - MPS Industries, Inc.


MP6551 Product details

DESCRIPTION
The MP6551 is an H-bridge motor driver. Its
2.5V to 14V input voltage (VIN) range allows the
device to operate from a variety of battery
power sources, including single-cell lithium-ion
batteries, dual-cell lithium-ion batteries, and 3-
cell to 6-cell alkaline batteries. Its low on
resistance enables it to achieve up to 5A of
output current (IOUT) across its entire VIN range.
The MP6551 can drive a brushed DC motor in
bidirectional applications or two DC motors in
unidirectional, speed-controlled applications.
Full protection features include over-current
protection (OCP), under-voltage lockout
(UVLO) protection, and thermal shutdown.
The MP6551 is available in a QFN-14
(2.5mmx3mm) package.

FEATURES
 2.5V to 14V Operating Input Range
 Up to 5A Output Current (IOUT)
 Full H-Bridge or Dual Half H-Bridge Driver
 15mΩ Low On Resistance per MOSFET
 Current Measurement
 Over-Current Protection (OCP)
 Under-Voltage Lockout (UVLO) Protection
 Thermal Shutdown
 Sleep Mode during Low-Power
 Fault Indication Output
 Available in a QFN-14 (2.5mmx3mm)
Package

APPLICATIONS
 Mini Drones
 Battery-Powered Toys




Similar Part No. - MP6551

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MP65 RIEDON-MP65 Datasheet
241Kb / 1P
Film Resistors
MP65 RIEDON-MP65 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
logo
Mean Well Enterprises C...
MP650 MEANWELL-MP650 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
Monolithic Power System...
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GF MPS-MP6500GF Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
More results


Similar Description - MP6551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
logo
Monolithic Power System...
MP6619 MPS-MP6619 Datasheet
1Mb / 14P
5.4V to 28V, 5A,H-Bridge Motor Driver
Rev. 1.0 1/21/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com