Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6551 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP6551
Description  14V, 5A, H-Bridge Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6551 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP6551 Datasheet HTML 1Page - MPS Industries, Inc. MP6551 Datasheet HTML 2Page - MPS Industries, Inc. MP6551 Datasheet HTML 3Page - MPS Industries, Inc. MP6551 Datasheet HTML 4Page - MPS Industries, Inc. MP6551 Datasheet HTML 5Page - MPS Industries, Inc. MP6551 Datasheet HTML 6Page - MPS Industries, Inc. MP6551 Datasheet HTML 7Page - MPS Industries, Inc. MP6551 Datasheet HTML 8Page - MPS Industries, Inc. MP6551 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP6551
– 14V, 5A, H-BRIDGE MOTOR DRIVER
MP6551 Rev. 1.0
MonolithicPower.com
4
7/7/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 4V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
2.5
14
V
Quiescent current
I
Q
No load current
2.5
4
mA
I
SLEEP
Sleep mode
10.5
14.5
µA
Internal MOSFETs
High-side MOSFET (HS-FET)
output on resistance
R
DS(ON)_HS
I
OUT = 1A, TJ = 25°C
15
19
m
Low-side MOSFET (LS-FET)
output on resistance
R
DS(ON)_LS
I
OUT = 1A, TJ = 25°C
12
16
mΩ
Body diode forward voltage
VF
I
OUT = 2A
0.8
V
Control Logic
Input logic low threshold
VIN_LOW
0.8
V
Input logic high threshold
VIN_HIGH
1.5
V
Logic input current
IIN_HIGH
VIH = 5V
-20
+20
µA
IIN_LOW
VIL = 0.8V
-20
+20
µA
Internal pull-down resistance
R
PD
500
k
nFault Output (Open-Drain Output)
Low output voltage
VOUT_LOW
IOUT = 5mA
0.5
V
High output leakage current
IOUT_HIGH
VOUT = 3.3V
1
µA
Protection Circuits
Under-voltage lockout (UVLO)
rising threshold
V
UVLO_RISING
2.5
2.7
V
UVLO hysteresis
V
UVLO_HYS
500
mV
Peak current limit
IOCP1
Sink
10
14
A
IOCP2
Source
8.5
11.5
A
Thermal shutdown (6)
TSD
150
°C
Thermal shutdown hysteresis (6)
TSD_HYS
15
°C
Current Sense (CS)
CS ratio
1 /
10,000
A/A
CS output current
LS-FET current = 1A
120
µA
LS-FET current = -1A
-91
µA
CS output voltage swing
3.57
V
Sleep mode entry time
tSLEEP
From EN1 = EN2 = 0
1
ms
Sleep mode exit time
tWAKE
From EN1 = 1 or EN2 = 1
36
µs
Pulse-width modulation (PWM)
frequency
fPWM
RSR
= 0Ω
500
kHz
Output rise time (6)
tRISING
RSR
= 3MΩ, 10Ω load to
GND
3
µs
Output fall time (6)
tFALLING
Propagation delay (6)
tPD_RISING
IN1/IN2 rising to
OUT1/OUT2 rising
500
ns
tPD_FALLING
IN1/IN2 falling to
OUT1/OUT2 falling
400
ns
Output enable time (6)
tOUT_EN
EN1/EN2 to OUT1/OUT2,
active
95
ns
Output disable time (6)
tOUT_DIS
EN1/EN2 to OUT1/OUT2,
Hi-Z
170
ns
Note:
6) Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com