Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6551 Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP6551
Description  14V, 5A, H-Bridge Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6551 Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP6551 Datasheet HTML 8Page - MPS Industries, Inc. MP6551 Datasheet HTML 9Page - MPS Industries, Inc. MP6551 Datasheet HTML 10Page - MPS Industries, Inc. MP6551 Datasheet HTML 11Page - MPS Industries, Inc. MP6551 Datasheet HTML 12Page - MPS Industries, Inc. MP6551 Datasheet HTML 13Page - MPS Industries, Inc. MP6551 Datasheet HTML 14Page - MPS Industries, Inc. MP6551 Datasheet HTML 15Page - MPS Industries, Inc. MP6551 Datasheet HTML 16Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP6551
– 14V, 5A, H-BRIDGE MOTOR DRIVER
MP6551 Rev. 1.0
MonolithicPower.com
13
7/7/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
VIN
OUT1
OUT2
SR
IN1
EN1
VIN
MP6551
GND
µC
nFAULT
IN2
EN2
CM1
CM2
+
C1
470
μF
C2
10
μF
C3
100nF
OUT1
OUT2
RSR
0
Ω to 500kΩ
CM1
CM2
nFAULT
VREF
CM1
CM2
nFAULT
VCC
R2
4.99k
Ω
R3
4.99k
Ω
R4
4.99k
Ω
R5
4.99k
Ω
R1
499
Ω
Figure 4: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com