Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6551 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MP6551
Description  14V, 5A, H-Bridge Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6551 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MP6551 Datasheet HTML 1Page - MPS Industries, Inc. MP6551 Datasheet HTML 2Page - MPS Industries, Inc. MP6551 Datasheet HTML 3Page - MPS Industries, Inc. MP6551 Datasheet HTML 4Page - MPS Industries, Inc. MP6551 Datasheet HTML 5Page - MPS Industries, Inc. MP6551 Datasheet HTML 6Page - MPS Industries, Inc. MP6551 Datasheet HTML 7Page - MPS Industries, Inc. MP6551 Datasheet HTML 8Page - MPS Industries, Inc. MP6551 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP6551
– 14V, 5A, H-BRIDGE MOTOR DRIVER
MP6551 Rev. 1.0
MonolithicPower.com
3
7/7/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 10
OUT1 (1)
Output terminal 1.
2
VIN (1)
Input supply voltage. Decouple the VIN pin to GND using a
≥100nF ceramic capacitor.
Additional bulk capacitance may be required.
3, 8
OUT2 (1)
Output terminal 2.
4
EN2
OUT2 enable input. Pull the EN2 pin high to enable OUT2; pull EN2 low to force OUT2
into a high-impedance (Hi-Z) state. EN2 is pulled down internally.
5
IN2
OUT2 control input. Pull the IN2 pin high to make OUT2 go high; pull IN2 low to make
OUT2 go low. IN2 is pulled down internally.
6
SR
Slew rate control. Connect a resistor from SR to GND.
7
CM2
OUT2 current measurement output.
9
GND (1)
System ground.
11
CM1
OUT1 current measurement output.
12
nFAULT
Fault indication. The nFAULT pin is an open-drain output. If an over-current (OC) or
over-temperature (OT) fault occurs, nFAULT is pulled low.
13
IN1
OUT1 control input. Pull the IN1 pin high make OUT1 go high; pull IN1 low to make
OUT1 go low. IN1 is pulled down internally.
14
EN1
OUT1 enable input. Pull EN1 high to enable OUT1; pull EN1 low force OUT1 into a
high-impedance (Hi-Z) state. EN1 is pulled down internally.
Note:
1) These pins should have as much PCB copper attached to them as possible. The copper removes the dissipated heat in the device.
ABSOLUTE MAXIMUM RATINGS (2)
Supply voltage (VIN) ..................... -0.3V to +16V
OUTx voltage (VOUTX)................... -0.7V to +16V
All other pins to GND .................. -0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (3)…..
……………………………………………...1.92W
Storage temperature................ -55°C to +150°C
Junction temperature ............................... 150°C
Lead temperature (solder) ....................... 260°C
Recommended Operating Conditions (4)
Supply voltage (VIN) ........................ 2.5V to 14V
Peak output current (IOUT) ............................±5A
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (5)
θJA
θJC
QFN-14 (2.5mmx3mm)...........65......13.....°C/W
Notes:
2) Exceeding these ratings may damage the device.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause excessive die temperature, and the
device may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com