Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3632SGPQ Datasheet (PDF) - Monolithic Power Systems

MPM3632SGPQ Datasheet PDF - Monolithic Power Systems
Part # MPM3632SGPQ
Download  MPM3632SGPQ Download
File Size   933.88 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Frequency 18V/3A DC/DC Regulator with Integrated Inductor

MPM3632SGPQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3632SGPQ Datasheet PDF - Monolithic Power Systems

Part # MPM3632SGPQ
Download  MPM3632SGPQ Click to download

File Size   933.88 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Frequency 18V/3A DC/DC Regulator with Integrated Inductor

MPM3632SGPQ Datasheet (HTML) - Monolithic Power Systems


MPM3632SGPQ Product details

DESCRIPTION
The MPM3632S is a synchronous, rectified,
step-down, mini-module regulator with built-in
power MOSFETs, an inductor, and two
capacitors. It offers a compact solution with only
input and output capacitors to achieve a 3A
continuous output current with excellent load and
line regulation over a wide input supply range.
The MPM3632S operates in a fixed 2.2MHz
switching frequency with constant on-time (COT)
control to provide fast load transient response.
Full protection features include output overvoltage
protection, over-current protection, and
thermal shut down.
The device eliminates design and manufacturing
risks while dramatically improving time to market.
The MPM3632S is available in a space-saving
EC LGA-10 (3mmx3mmx1.45mm) package.

FEATURES
 Wide 4V to 18V Operation Input Range
 Internally Fixed Soft Start Time
 0.5% Accuracy Output Voltage
 3A Continuous Output Current
 2.2MHz Switching Frequency
 Forced CCM Mode
 Power Good Indicator
 Hiccup OCP Protection
 Output Over-Voltage Protection
 Fast Transient Response
 Available in an EC LGA-10
(3mmx3mmx1.45mm) Package

APPLICATIONS
 Server Systems
 Medical and Imaging Equipment
 Distributed Power Systems




Similar Part No. - MPM3632SGPQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3632SGPQ MPS-MPM3632SGPQ Datasheet
299Kb / 9P
High-Frequency 18V/3A DC/DC Regulator with Integrated Inductor Evaluation Board
11/15/2018 Rev.1.1
More results


Similar Description - MPM3632SGPQ

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5339QI ENPIRION-EN5339QI Datasheet
1Mb / 19P
3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113 Datasheet
690Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103_14 Datasheet
732Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
logo
Altera Corporation
EN6360QI ALTERA-EN6360QI Datasheet
1Mb / 24P
DC-DC Buck with Integrated Inductor
logo
Monolithic Power System...
MPM3630 MPS-MPM3630 Datasheet
1Mb / 20P
18V/3A DC/DC Module Synchronous Step-Down Regulator with Integrated Inductor
logo
Shenzhen Huazhimei Semi...
HM1530 HMSEMI-HM1530 Datasheet
291Kb / 9P
3A 380KHz 18V Buck DC to DC Converte
logo
Renesas Technology Corp
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com