Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN6360QI Datasheet (PDF) - Altera Corporation

EN6360QI Datasheet PDF - Altera Corporation
Part # EN6360QI
Download  EN6360QI Download
File Size   1502.44 Kbytes
Page   24 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description DC-DC Buck with Integrated Inductor

EN6360QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN6360QI Datasheet PDF - Altera Corporation

Part # EN6360QI
Download  EN6360QI Click to download

File Size   1502.44 Kbytes
Page   24 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description DC-DC Buck with Integrated Inductor

EN6360QI Datasheet (HTML) - Altera Corporation


EN6360QI Product details

Description
The EN6360QI is a Power System on a Chip (PowerSoC) DC to DC converter with an integrated inductor, PWM controller, MOSFETs and compensation to provide the smallest solution size in an 8x11x3mm 68 pin QFN module. It offers high efficiency, excellent line and load regulation over temperature and up to the full 8A load range. The EN6360QI is specifically designed to meet the precise voltage and fast transient requirements of high-performance, low-power processor, DSP, FPGA, memory boards and system level applications in distributed power architecture.

Features
• High Efficiency (Up to 96%)
• Excellent Ripple and EMI Performance
• Up to 8A Continuous Operating Current
• Input Voltage Range (2.5V to 6.6V)
• Frequency Synchronization (Clock or Primary)
• 1.5% VOUT Accuracy (Over Load and Temperature)
• Optimized Total Solution Size (190mm2)
• Precision Enable Threshold for Sequencing
• Programmable Soft-Start
• Master/Slave Configuration for Parallel Operation
• Thermal Shutdown, Over-Current, Short Circuit, and Under-Voltage Protection
• RoHS Compliant, MSL Level 3, 260°C Reflow

Applications
• Point of Load Regulation for Low-Power, ASICs Multi-Core and Communication Processors, DSPs, FPGAs and Distributed Power Architectures
• Blade Servers, RAID Storage and LAN/SAN Adapter Cards, Wireless Base Stations, Industrial Automation, Test and Measurement, Embedded Computing, and Printers
• High Efficiency 12V Intermediate Bus Architectures
• Beat Frequency/Noise Sensitive Applications




Similar Part No. - EN6360QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN6360QI ENPIRION-EN6360QI Datasheet
1Mb / 24P
8A Synchronous Highly Integrated DC-DC PowerSoC
EN6360QI-E ENPIRION-EN6360QI-E Datasheet
1Mb / 24P
8A Synchronous Highly Integrated DC-DC PowerSoC
More results


Similar Description - EN6360QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EP53F8QI ENPIRION-EP53F8QI Datasheet
265Kb / 11P
1500 mA Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5339QI ENPIRION-EN5339QI Datasheet
1Mb / 19P
3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5329QI ALTERA-EN5329QI Datasheet
854Kb / 20P
2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN6362QI ALTERA-EN6362QI Datasheet
1Mb / 21P
DC-DC Buck with Integrated Inductor
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com