Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN6360QI Datasheet (PDF) - Enpirion, Inc.

EN6360QI Datasheet PDF - Enpirion, Inc.
Part # EN6360QI
Download  EN6360QI Download
File Size   1672.14 Kbytes
Page   24 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 8A Synchronous Highly Integrated DC-DC PowerSoC

EN6360QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN6360QI Datasheet PDF - Enpirion, Inc.

Part # EN6360QI
Download  EN6360QI Click to download

File Size   1672.14 Kbytes
Page   24 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 8A Synchronous Highly Integrated DC-DC PowerSoC

EN6360QI Datasheet (HTML) - Enpirion, Inc.


EN6360QI Product details

Description
The EN6360QI is a Power System on a Chip (PowerSoC) DC to DC converter with an integrated inductor, PWM controller, MOSFETs and compensation to provide the smallest solution size in an 8x11x3mm 68 pin QFN module. It offers high efficiency, excellent line and load regulation over temperature and up to the full 8A load range. The EN6360QI is specifically designed to meet the precise voltage and fast transient requirements of high-performance, low-power processor, DSP, FPGA, memory boards and system level applications in distributed power architecture.

Features
• High Efficiency (Up to 96%)
• Excellent Ripple and EMI Performance
• Up to 8A Continuous Operating Current
• Input Voltage Range (2.5V to 6.6V)
• Frequency Synchronization (Clock or Primary)
• 2% VOUT Accuracy (Over Line/Load/Temperature)
• Optimized Total Solution Size (190mm2)
• Precision Enable Threshold for Sequencing
• Programmable Soft-Start
• Master/Slave Configuration for Parallel Operation
• Thermal Shutdown, Over-Current, Short Circuit, and Under-Voltage Protection
• RoHS Compliant, MSL Level 3, 260°C Reflow

Applications
• Point of Load Regulation for Low-Power, ASICs Multi-Core and Communication Processors, DSPs, FPGAs and Distributed Power Architectures
• Blade Servers, RAID Storage and LAN/SAN Adapter Cards, Wireless Base Stations, Industrial Automation, Test and Measurement, Embedded Computing, and Printers
• High Efficiency 12V Intermediate Bus Architectures
• Beat Frequency/Noise Sensitive Applications




Similar Part No. - EN6360QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN6360QI ALTERA-EN6360QI Datasheet
1Mb / 24P
DC-DC Buck with Integrated Inductor
More results


Similar Description - EN6360QI

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
logo
Enpirion, Inc.
EN5367QI ENPIRION-EN5367QI Datasheet
1Mb / 22P
6A Synchronous Highly Integrated DC-DC PowerSoC
EN63A0QI ENPIRION-EN63A0QI Datasheet
1Mb / 24P
12A Synchronous Highly Integrated DC-DC PowerSoC
EV1380QI ENPIRION-EV1380QI Datasheet
338Kb / 16P
8a synchronous highly integrated dc-dc
logo
Altera Corporation
EN5329QI ALTERA-EN5329QI Datasheet
854Kb / 20P
2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
logo
International Rectifier
IR3841WM IRF-IR3841WM_15 Datasheet
776Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results




About Enpirion, Inc.


Enpirion, Inc. was a fabless semiconductor company that specialized in high-efficiency power management solutions. The company was founded in 2001 and was headquartered in Hampton, New Jersey, USA. Enpirion developed and manufactured integrated power systems that integrated power MOSFETs, inductors, and other passive components into a single IC, providing highly efficient power solutions for a range of applications, including telecommunications, networking, data storage, and computing.

In 2014, Enpirion was acquired by Altera Corporation, which is now a subsidiary of Intel Corporation. After the acquisition, Enpirion's technology became part of Altera's power solutions portfolio, which focused on developing highly efficient power management solutions for Altera's field-programmable gate arrays (FPGAs) and system-on-chip (SoC) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com