Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM54504 Datasheet (PDF) - Monolithic Power Systems

MPM54504 Datasheet PDF - Monolithic Power Systems
Part # MPM54504
Download  MPM54504 Download
File Size   1339.45 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, Quad DC/DC Power Module with 5A Output Array

MPM54504 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM54504 Datasheet PDF - Monolithic Power Systems

Part # MPM54504
Download  MPM54504 Click to download

File Size   1339.45 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, Quad DC/DC Power Module with 5A Output Array

MPM54504 Datasheet (HTML) - Monolithic Power Systems


MPM54504 Product details

DESCRIPTION
The MPM54504 is a 16V input, quad-output
step-down power module. The device can
provide up to 5A of continuous output current per
output, with excellent load and line regulation
across a wide input range.
The MPM54504 has internal autocompensation,
which means that external
compensation components are not required. The
output voltage is adjustable from 0.6V to 5.5V,
and can be set via a single resistor.
Constant-on-time (COT) control provides ultrafast
transient response and eases loop
stabilization. Full protection features include
over-current protection (OCP), short-circuit
protection (SCP), under-voltage lockout (UVLO),
over-voltage protection (OVP), and thermal
shutdown.
The MPM54504 integrates a monolithic power
stage, inductors, and supports passive
components for high efficiency. It is available in
a BGA (9mmx15mmx5mm) package.

FEATURES
 Quad-Output Step-Down Power Module
with 5A per Output
 Wide 3V to 16V Input Voltage Range
 0.6 to 5.5V Output Voltage
 5A Output Current per Channel
 Fixed 1MHz Switching Frequency
 Constant-On-Time (COT) Control for Fast
Transient, No External Compensation
Required
 External Configurable Soft Start-Up Time
 EN and Power Good for Power Sequencing
 OVP, UVP, OCP, SCP, and OTP
 Available in a BGA (9mmx15mmx5mm)
Package

APPLICATIONS
 FPGAs, DSPs and ASIC Applications
 Multi-Rail Point-of-Loads (PoLs)




Similar Part No. - MPM54504

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM54524 MPS-MPM54524 Datasheet
1Mb / 57P
Fully Integrated, 16V, Quad 5A Output Power Module with I 2C Interface
Rev. 1.0 4/15/2024
More results


Similar Description - MPM54504

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
Quad Output DC Power Supply
logo
Linear Technology
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
logo
Monolithic Power System...
MPM3695-10 MPS-MPM3695-10 Datasheet
104Kb / 2P
16V, 10A, Scalable, Ultra-Thin, DC/DC Power Module with PMBus
MPM3695-25 MPS-MPM3695-25 Datasheet
326Kb / 2P
16V, 25A, Scalable, DC/DC Power Module with PMBus
logo
Linear Technology
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
logo
Monolithic Power System...
EVM3695-25-RF-02A MPS-EVM3695-25-RF-02A Datasheet
5Mb / 11P
16V, 20A, Scalable DC/DC Power Module with PMBus
logo
Analog Devices
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
01/20-REV.B
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com