Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM54524 Datasheet (PDF) - Monolithic Power Systems

MPM54524 Datasheet PDF - Monolithic Power Systems
Part # MPM54524
Download  MPM54524 Download
File Size   1435.86 Kbytes
Page   57 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fully Integrated, 16V, Quad 5A Output Power Module with I 2C Interface

MPM54524 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM54524 Datasheet PDF - Monolithic Power Systems

Part # MPM54524
Download  MPM54524 Click to download

File Size   1435.86 Kbytes
Page   57 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fully Integrated, 16V, Quad 5A Output Power Module with I 2C Interface

MPM54524 Datasheet (HTML) - Monolithic Power Systems


MPM54524 Product details

DESCRIPTION
The MPM54524 is an integrated, quad 5A power
module with an I
2C interface. The device offers a
complete power solution with built-in turn-on/-off
sequencing control, configurable soft start (SS),
compensation, and various protection thresholds.
Constant-on-time (COT) control provides ultrafast transient response. The output voltage
(VOUTx) (where x = A, B, C, or D) is adjustable via
the I2C bus or preset via the multiple-time
programmable (MTP) memory. The power-on/-
off sequence is also configurable via the MTP or
can be controlled via the I
2C.
The MPM54524 offers configurable active
voltage positioning (AVP), which generates a
droop voltage (VDROOP). This allows four
channels in parallel with passive current
balancing. In addition, buck regulator A (buck A)
and buck regulator B (buck B) can operate in
parallel for up to 10A in interleaving mode, which
enables active current balancing. Full protection
features include under-voltage lockout (UVLO),
over-current protection (OCP), over-voltage
protection (OVP), under-voltage protection
(UVP), and thermal shutdown.
The MPM54524 requires a minimal number of
external components, and is available in a
compact ECLGA (8mmx8mmx2.9mm) package.

FEATURES
• Wide 4V to 16V Input Voltage (VINx) (where
x = 1 or 2) Range
• Adaptive Constant-On-Time (COT) for UltraFast Transient Response
• Parallel Operation with Passive or Active
Current Balancing
• I
2C-Configurable Output Voltage (VOUTx)
(where x = A, B, C, or D)
• Configurable Switching Frequency (fSW):
500kHz to 1000kHz
• Differential VOUTx Remote Sense
(where x = A, B, or C)
• Accurate VOUTx, Output Current (IOUTx)
(where x= A, B, C, or D), and Junction
Temperature (TJ) Monitoring via the I
2C
• Open-Drain Power Good (PG) Indication
• Configurable I
2C Slave Address
• Selectable Pulse-Frequency Modulation
(PFM)/Pulse-Width Modulation (PWM)
Mode, Adjustable Frequency, and Current
Limit via the I
2C
• Pre-Biased Start-Up
• Protections Include Over-Current Protection
(OCP), Under-Voltage Protection (UVP),
Under-Voltage Lockout (UVLO), Thermal
Shutdown, and Over-Voltage Protection
(OVP)
• Available in an ECLGA (8mmx8mmx2.9mm)
Package

APPLICATIONS
• FPGA and ASIC Power Supplies
• Networking and Telecommunications
• Optical Module Power Supplies




Similar Part No. - MPM54524

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM54504 MPS-MPM54504 Datasheet
1Mb / 20P
16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
MPM54504GBS MPS-MPM54504GBS Datasheet
1Mb / 20P
16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
MPM54504GBS-T MPS-MPM54504GBS-T Datasheet
1Mb / 20P
16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
More results


Similar Description - MPM54524

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IM700 PHILIPS-SC18IM700 Datasheet
108Kb / 21P
Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
logo
Rohm
BZ6A7D06GM ROHM-BZ6A7D06GM Datasheet
690Kb / 19P
0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
0.65A Output, Fully Integrated Step-down Switching Power Supply Module
logo
Maxim Integrated Produc...
MAX17515EVKIT MAXIM-MAX17515EVKIT Datasheet
545Kb / 8P
5A Integrated Power Module
Rev 1; 9/13
MAXM17515EVKIT MAXIM-MAXM17515EVKIT Datasheet
671Kb / 8P
MAXM17515, 5A Integrated Power Module
Rev 0; 4/15
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
Vishay Siliconix
VCNL3020 VISHAY-VCNL3020_V02 Datasheet
187Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
20-Mar-18
VCNL3030X01 VISHAY-VCNL3030X01_V01 Datasheet
269Kb / 16P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
12-Aug-2020
VCNL4035X01 VISHAY-VCNL4035X01_V02 Datasheet
269Kb / 18P
Fully Integrated Proximity and Ambient Light Sensor With 2C Interface and Interrupt Function for Gesture Applications
18-Mar-2020
logo
Monolithic Power System...
MPM54504 MPS-MPM54504 Datasheet
1Mb / 20P
16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com