Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4228-C Datasheet (PDF) - Monolithic Power Systems

MPQ4228-C Datasheet PDF - Monolithic Power Systems
Part # MPQ4228-C
Download  MPQ4228-C Download
File Size   1333.14 Kbytes
Page   31 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 36V, Step-Down Converter with USB Charging Port Supporting CDP and Type-C 5V @ 3A DFP Mode, AEC-Q100 Qualified

MPQ4228-C Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ4228-C Datasheet PDF - Monolithic Power Systems

Part # MPQ4228-C
Download  MPQ4228-C Click to download

File Size   1333.14 Kbytes
Page   31 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 36V, Step-Down Converter with USB Charging Port Supporting CDP and Type-C 5V @ 3A DFP Mode, AEC-Q100 Qualified

MPQ4228-C Datasheet (HTML) - Monolithic Power Systems


MPQ4228-C Product details

DESCRIPTION
The MPQ4228-C integrates a monolithic, stepdown
switch-mode converter with a single USB
current-limit switch, as well as a Type-C 5V @
3A mode configuration channel for USB ports. It
achieves 3A of output current across a wide
input supply range, with excellent load and line
regulation.
The USB switch’s output is current-limited. The
USB port supports charging downstream port
(CDP) schemes. The USB port also supports
USB Type-C 5V @ 3A DFP mode.
Fault condition protections include hiccup
current limiting, output over-voltage protection
(OVP), DP/DM/CC1/CC2 short-to-battery
protection, and thermal shutdown (TSD).
The MPQ4228-C requires a minimal number of
readily available, standard external components,
and is available in a QFN-22 (4mmx4mm)

package.
FEATURES
 Supports BC1.2 CDP Mode
 Supports USB Type-C 5V @ 3A DFP Mode
 USB_OUT, DP/DM, CC1/CC2 Pins Shortto-
Battery Protection
 Wide 4.2V to 36V Continuous Operating
Input Range
 Passes Apple MFI R33 Certification Test
 Passes USB-IF Type-C Certification Test
 Selectable Switching Frequency (420kHz
and 2.2MHz with Spread Spectrum)
 Integrated High Bandwidth USB2.0 Data
Switch with OVP
 Adjustable Line Drop Compensation
 Accurate 3.55A and 2.85A USB Current
Limit
 Integrated 20mΩ Low RDS(ON) USB Switch
 145°C Internal Load-Shedding Entry
Temperature
 EN Shutdown Discharge Function
 Fault Indication for OCP, OVP, and OTP
 Frequency Synchronization from 200kHz to
2.2MHz
 Hiccup Current Limit for both Buck and USB
 OVP for USB Switch
 ±8kV IEC 61000-4-2 Contact Discharge
ESD Rating for CC1 and CC2 Pins
 ±8kV IEC 61000-4-2 Contact Discharge
ESD Rating with External Small ESD
Diodes on DP and DM Pins
 ±15kV IEC 61000-4-2 Air Discharge ESD
Rating for DP, DM, CC1, and CC2 Pins
 Available in a QFN-22 (4mmx4mm)
Package with Wettable Flanks
 Available in AEC-Q100 Grade 1

APPLICATIONS
 USB Charging Downstream Ports (CDP)
 USB Type-C DFP Ports
 USB Hubs




Similar Part No. - MPQ4228-C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4210 MPS-MPQ4210 Datasheet
51Kb / 1P
40V, USB Type-C PD Synchronous Buck-Boost Controller with I2C AEC-Q100 Qualification in Progress
MPQ4210 MPS-MPQ4210 Datasheet
4Mb / 38P
40V, 100W Synchronous 40V, 100W Synchronous Current Monitor, AEC-Q100 Qualified
7/12/2019 Rev. 1.1
MPQ4210GU MPS-MPQ4210GU Datasheet
4Mb / 38P
40V, 100W Synchronous 40V, 100W Synchronous Current Monitor, AEC-Q100 Qualified
7/12/2019 Rev. 1.1
MPQ4210GU-AEC1 MPS-MPQ4210GU-AEC1 Datasheet
4Mb / 38P
40V, 100W Synchronous 40V, 100W Synchronous Current Monitor, AEC-Q100 Qualified
7/12/2019 Rev. 1.1
MPQ4210GU-AEC1-P MPS-MPQ4210GU-AEC1-P Datasheet
4Mb / 38P
40V, 100W Synchronous 40V, 100W Synchronous Current Monitor, AEC-Q100 Qualified
7/12/2019 Rev. 1.1
More results


Similar Description - MPQ4228-C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4475M MPS-MPQ4475M Datasheet
618Kb / 17P
36V, 2.5A, Frequency Selectable, Step-Down Converter with Single USB Charging Port AEC-Q100 Qualified
MPQ4485 MPS-MPQ4485 Datasheet
863Kb / 22P
36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
MPQ4487 MPS-MPQ4487 Datasheet
1,021Kb / 24P
36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
MPQ4488 MPS-MPQ4488 Datasheet
992Kb / 23P
36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting DCP and Type-C 5V @ 3A DFP Mode for Automotive, AEC-Q100 Qualified
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com