Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4210 Datasheet (PDF) - Monolithic Power Systems

MPQ4210 Datasheet PDF - Monolithic Power Systems
Part # MPQ4210
Download  MPQ4210 Download
File Size   4129.66 Kbytes
Page   38 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 100W Synchronous 40V, 100W Synchronous Current Monitor, AEC-Q100 Qualified

MPQ4210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ4210 Datasheet PDF - Monolithic Power Systems

Part # MPQ4210
Download  MPQ4210 Click to download

File Size   4129.66 Kbytes
Page   38 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 100W Synchronous 40V, 100W Synchronous Current Monitor, AEC-Q100 Qualified

MPQ4210 Datasheet (HTML) - Monolithic Power Systems


MPQ4210 Product details

DESCRIPTION
The MPQ4210 is a synchronous, four-switch, buck-boost controller capable of regulating different output voltages with a wide input voltage range and high efficiency. It provides an I2C interface, which supports VOUT voltage programmability, VOUT slew-rate control, and output constant current limit programmability, making the MPQ4210 suitable for USB power delivery (PD) design in USB Type-C power supplies.
The MPQ4210 uses valley current control in buck mode and peak current control in boost mode, providing fast load transient response and smooth buck-boost mode transient. The MPQ4210 provides forced continuous conduction mode (FCCM) and a programmable average current limit, which supports flexible designs for different applications.
It also features programmable over-current protection (OCP) mode, programmable overvoltage protection (OVP) mode, and programmable VIN UVLO hysteresis.
The MPQ4210 is available in a QFN-27 (5mmx5mm) package.

FEATURES
 6V to 40V Start-Up Input Voltage Range
 5V to 40V Operation Input Voltage Range
 Flexible I2C Interface Control for:
o 0.5V to 28V Output Voltage Range
o 0.3V to 2.047V Reference Voltage Range with 1mV Step
o Selectable VOUT Slew Rate
o Programmable Constant Current Limit
 Output Current Monitor Function (IMON)
 Programmable Soft-Start Time
 Switching Frequency Spread Spectrum for EMI Optimization
 Integrated VOUT Discharge Function
 Selectable 200kHz, 300kHz, 400kHz, and 600kHz Switching Frequency
 Forced CCM Operation Mode
 Programmable VIN UVLO Hysteresis
 OCP, SCP, and OVP
 Interrupt Indicator for OCP, OVP, and PNG
 Available in a QFN-27 (5mmx5mm) Package with Wettable Flank
 AEC-Q100 Qualified

APPLICATIONS
 USB Power Delivery
 Industrial PC Power Supplies
 Super-Capacitor Charging




Similar Part No. - MPQ4210

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4210 MPS-MPQ4210 Datasheet
51Kb / 1P
40V, USB Type-C PD Synchronous Buck-Boost Controller with I2C AEC-Q100 Qualification in Progress
More results


Similar Description - MPQ4210

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6569 MOSPEC-2N6569 Datasheet
144Kb / 3P
POWER TRANSISTORS(12A,40V,100W)
2N6594 MOSPEC-2N6594 Datasheet
154Kb / 3P
POWER TRANSISTORS(12A,40V,100W)
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
logo
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
logo
Monolithic Power System...
MPQ2918 MPS-MPQ2918 Datasheet
1Mb / 32P
4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MPQ2013A MPS-MPQ2013A Datasheet
612Kb / 19P
40V, 150mA, Low Quiescent Current Linear Regulator AEC-Q100 Qualified
MPQ2019-AEC1 MPS-MPQ2019-AEC1 Datasheet
701Kb / 16P
40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
MPQ2019 MPS-MPQ2019 Datasheet
823Kb / 16P
40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com