Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6594 Datasheet (PDF) - Mospec Semiconductor

2N6594 Datasheet PDF - Mospec Semiconductor
Part # 2N6594
Download  2N6594 Download
File Size   154.99 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(12A,40V,100W)

2N6594 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6594 Datasheet PDF - Mospec Semiconductor

Part # 2N6594
Download  2N6594 Click to download

File Size   154.99 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(12A,40V,100W)

2N6594 Datasheet (HTML) - Mospec Semiconductor


2N6594 Product details

PNP SILICON POWER TRANSISTOR

12 AMPERE PNP SILICON POWER TRANSISTORS 40 VOLTS 100 WATTS

FEATURES:
* Safe Operating Area- Full Power Rating to 40V
* EPIBASE Performance in Gain and Speed
* Lower Voltage, Economical Complement to the 2N3055




Similar Part No. - 2N6594

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6594 BOCA-2N6594 Datasheet
160Kb / 3P
PNP SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
2N6594 CENTRAL-2N6594 Datasheet
51Kb / 1P
POWER TRANSISTORS TO-3 CASE
logo
Savantic, Inc.
2N6594 SAVANTIC-2N6594 Datasheet
120Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N6594 JMNIC-2N6594 Datasheet
156Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N6594 ISC-2N6594 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N6594

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6050 MOSPEC-2N6050 Datasheet
188Kb / 4P
POWER TRANSISTORS(12A,150W)
2N6053 MOSPEC-2N6053 Datasheet
172Kb / 4P
POWER TRANSISTORS(8A,100W)
2N6383 MOSPEC-2N6383 Datasheet
146Kb / 3P
POWER TRANSISTORS(10A,100W)
2N6542 MOSPEC-2N6542 Datasheet
209Kb / 4P
POWER TRANSISTORS(5A,100W)
2N6569 MOSPEC-2N6569 Datasheet
144Kb / 3P
POWER TRANSISTORS(12A,40V,100W)
2N6738 MOSPEC-2N6738 Datasheet
147Kb / 3P
POWER TRANSISTORS(8.0A,100W)
2SB817 MOSPEC-2SB817 Datasheet
123Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
POWER TRANSISTORS(12A,125W)
MJE13008 MOSPEC-MJE13008 Datasheet
179Kb / 4P
POWER TRANSISTORS(12A,300-400V,100W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com