Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6738 Datasheet (PDF) - Mospec Semiconductor

2N6738 Datasheet PDF - Mospec Semiconductor
Part # 2N6738
Download  2N6738 Download
File Size   147.6 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8.0A,100W)

2N6738 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6738 Datasheet PDF - Mospec Semiconductor

Part # 2N6738
Download  2N6738 Click to download

File Size   147.6 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8.0A,100W)

2N6738 Datasheet (HTML) - Mospec Semiconductor


2N6738 Product details

SWITCHMODE SERIES NPN POWER TRANSISTORS

. . . designed for use in high-voltage, high-speed, power switching in inductive circuit, they are particularly suited for 115 and 220 V switchmode applications such as swithcing regulators, inverters, DC-DC and converter.

FEATURES
* Collector-Emitter Sustaining Voltage-
   VCEX = 350  V to 450 V
* Collector-Emitter Saturation Voltage-
   VCE(sat) = 2.0 V(Max.) @ IC = 5.0 A, IB = 1.0 A
* Switching Time - tf = .0.5 μs (Max.) @ IC = 5.0 A




Similar Part No. - 2N6738

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6738 BOCA-2N6738 Datasheet
153Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Savantic, Inc.
2N6738 SAVANTIC-2N6738 Datasheet
102Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6738 ISC-2N6738 Datasheet
202Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2N6738 SAVANTIC-2N6738 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6738 NJSEMI-2N6738 Datasheet
80Kb / 2P
Silicon NPN Power Transistor
More results


Similar Description - 2N6738

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6053 MOSPEC-2N6053 Datasheet
172Kb / 4P
POWER TRANSISTORS(8A,100W)
2N6383 MOSPEC-2N6383 Datasheet
146Kb / 3P
POWER TRANSISTORS(10A,100W)
2N6542 MOSPEC-2N6542 Datasheet
209Kb / 4P
POWER TRANSISTORS(5A,100W)
2N6569 MOSPEC-2N6569 Datasheet
144Kb / 3P
POWER TRANSISTORS(12A,40V,100W)
2SC2555 MOSPEC-2SC2555 Datasheet
144Kb / 3P
POWER TRANSISTORS(8.0A,400V,80W)
2SC2938 MOSPEC-2SC2938 Datasheet
120Kb / 3P
POWER TRANSISTORS(10A,400V,100W)
BU806 MOSPEC-BU806 Datasheet
110Kb / 3P
POWER TRANSISTORS(8.0A,150-200V,60W)
BU926 MOSPEC-BU926 Datasheet
75Kb / 2P
POWER TRANSISTORS(8.0A,400V,120W)
MJE15028 MOSPEC-MJE15028 Datasheet
208Kb / 4P
POWER TRANSISTORS(8.0A,120-150V,50W)
TIP130 MOSPEC-TIP130 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com