Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU926 Datasheet (PDF) - Mospec Semiconductor

BU926 Datasheet PDF - Mospec Semiconductor
Part # BU926
Download  BU926 Download
File Size   75.05 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8.0A,400V,120W)

BU926 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU926 Datasheet PDF - Mospec Semiconductor

Part # BU926
Download  BU926 Click to download

File Size   75.05 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8.0A,400V,120W)

BU926 Datasheet (HTML) - Mospec Semiconductor


BU926 Product details

HIGH VOLTAGE POWER TRANSISTOR

8.0 AMPERE POWER TRANSISTORS 400 VOLTS 120 WATTS




Similar Part No. - BU926

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU926 ISC-BU926 Datasheet
100Kb / 2P
isc Silicon NPN Power Transistor
logo
Rohm
BU9262AFS ROHM-BU9262AFS Datasheet
259Kb / 6P
Digital surround / echo processor for audio application
BU9262AFS ROHM-BU9262AFS Datasheet
942Kb / 17P
Karaoke/Surround Digital Echo
BU9262FAS-E2 ROHM-BU9262FAS-E2 Datasheet
942Kb / 17P
Karaoke/Surround Digital Echo
More results


Similar Description - BU926

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6738 MOSPEC-2N6738 Datasheet
147Kb / 3P
POWER TRANSISTORS(8.0A,100W)
2SC2555 MOSPEC-2SC2555 Datasheet
144Kb / 3P
POWER TRANSISTORS(8.0A,400V,80W)
2SC2938 MOSPEC-2SC2938 Datasheet
120Kb / 3P
POWER TRANSISTORS(10A,400V,100W)
2SC3039 MOSPEC-2SC3039 Datasheet
137Kb / 3P
POWER TRANSISTORS(7.0A,400V,50W)
BU806 MOSPEC-BU806 Datasheet
110Kb / 3P
POWER TRANSISTORS(8.0A,150-200V,60W)
BUV37 MOSPEC-BUV37 Datasheet
85Kb / 2P
POWER TRANSISTORS(15A,400V,100W)
MJE15028 MOSPEC-MJE15028 Datasheet
208Kb / 4P
POWER TRANSISTORS(8.0A,120-150V,50W)
TIP130 MOSPEC-TIP130 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Gulf Semiconductor
FESA08G GULFSEMI-FESA08G Datasheet
91Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 8.0A
UESP08G GULFSEMI-UESP08G Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:8.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com