Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2555 Datasheet (PDF) - Mospec Semiconductor

2SC2555 Datasheet PDF - Mospec Semiconductor
Part # 2SC2555
Download  2SC2555 Download
File Size   144.09 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8.0A,400V,80W)

2SC2555 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2555 Datasheet PDF - Mospec Semiconductor

Part # 2SC2555
Download  2SC2555 Click to download

File Size   144.09 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8.0A,400V,80W)

2SC2555 Datasheet (HTML) - Mospec Semiconductor


2SC2555 Product details

SWITCHMODE SERIES NPN POWER TRANSISTORS

... designed for use in high-voltage, high-speed, power switching in inductive circuit, and switchmode applications such as switching regulators, converters.

FEATURES:
* Collector-Emitter Sustaining Voltage-
   VCE(br) = 400 V (Min)
* Collector-Emitter Saturation Voltage -
   VCE(sat) = 1.0 V (Max.) @ IC = 4.0 A, IB = 0.8 A
* Switching Time - tf = 1.0 μs(Max.) @ IC = 4.0 A




Similar Part No. - 2SC2555

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2555 TOSHIBA-2SC2555 Datasheet
161Kb / 2P
TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
01-Sep-1997
logo
Savantic, Inc.
2SC2555 SAVANTIC-2SC2555 Datasheet
179Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2555 ISC-2SC2555 Datasheet
178Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2555 SAVANTIC-2SC2555 Datasheet
181Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC2555 NJSEMI-2SC2555 Datasheet
156Kb / 3P
Silicon NPN Power Transistor
More results


Similar Description - 2SC2555

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6040 MOSPEC-2N6040 Datasheet
199Kb / 4P
POWER TRANSISTORS(10A,80W)
2N6497 MOSPEC-2N6497 Datasheet
179Kb / 4P
POWER TRANSISTORS(5A,80W)
2N6738 MOSPEC-2N6738 Datasheet
147Kb / 3P
POWER TRANSISTORS(8.0A,100W)
2SC2625 MOSPEC-2SC2625 Datasheet
129Kb / 3P
POWER TRANSISTORS(10A,400V,80W)
2SD1426 MOSPEC-2SD1426 Datasheet
125Kb / 3P
POWER TRANSISTORS(3.5A,1500V,80W)
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
BU926 MOSPEC-BU926 Datasheet
75Kb / 2P
POWER TRANSISTORS(8.0A,400V,120W)
MJE13006 MOSPEC-MJE13006 Datasheet
192Kb / 4P
POWER TRANSISTORS(8A,300-400V,80W)
MJE13007A MOSPEC-MJE13007A Datasheet
180Kb / 4P
POWER TRANSISTORS(8A,400V,80W)
TIP150 MOSPEC-TIP150 Datasheet
136Kb / 3P
POWER TRANSISTORS(7A,300-400V,80W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com