Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ5069 Datasheet (PDF) - Monolithic Power Systems

MPQ5069 Datasheet PDF - Monolithic Power Systems
Part # MPQ5069
Download  MPQ5069 Download
File Size   1349.69 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 7mΩ Protection Switch with Current Monitor for Automotive Battery Systems AEC-Q100 Qualified

MPQ5069 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ5069 Datasheet PDF - Monolithic Power Systems

Part # MPQ5069
Download  MPQ5069 Click to download

File Size   1349.69 Kbytes
Page   21 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 7mΩ Protection Switch with Current Monitor for Automotive Battery Systems AEC-Q100 Qualified

MPQ5069 Datasheet (HTML) - Monolithic Power Systems


MPQ5069 Product details

DESCRIPTION
The MPQ5069 is a hot-swap protection device
designed to protect circuitry on its output from
transients on its input. It also protects its input
from undesired shorts and transients coming
from its output.
During start-up, the slew rate at the output limits
the inrush current. An external capacitor at the
SS pin controls the slew rate.
The maximum output load is current-limited using
a sense FET topology whereby a low-power
resistor from the ISET pin to ground controls the
magnitude of the current limit. An internal charge
pump drives the gate of the power device,
allowing for a power FET with a very low on
resistance of 7mΩ. The MPQ5069 includes an
IMON option to produce a voltage proportional to
the current through the power device, as set by a
resistor from the IMON pin to ground.
The MPQ5069’s fault protections include currentlimit
protection, thermal shutdown, and damaged-
MOSFET detection. Both the current limit and
thermal shutdown offer configurable auto-retry
and latch-off mode. The device also features
under-voltage protection.
The MPQ5069 is available in a QFN-22
(3mmx5mm) package and is AEC-Q100 qualified.

FEATURES
 Integrated 7mΩ Power MOSFET
 Adjustable Current Limit (5A to 15A)
 Output Current Measurement
 ±10% Current Monitor Accuracy
 Fast Response (200ns) for Short Protection
 PG Detector and FLTB Indication
 PG Asserts Low when VIN = 0V
 Damaged MOSFET Detection
 External Soft Start
 Under-Voltage Lockout
 Thermal Protection
 Available in a QFN-22 (3mmx5mm) Package
 Available in AEC-Q100 Grade 1

APPLICATIONS
 Automotive Infotainment
 Automotive Clusters
 Advanced Driver Assistance Systems
 Automotive Systems




Similar Part No. - MPQ5069

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG MPS-MPQ5072GG Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG-AEC1 MPS-MPQ5072GG-AEC1 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG-AEC1-Z MPS-MPQ5072GG-AEC1-Z Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG-Z MPS-MPQ5072GG-Z Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
More results


Similar Description - MPQ5069

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
logo
Allegro MicroSystems
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
Automotive AEC-Q100 qualified
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
Automotive AEC-Q100 qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com