Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ5072GG Datasheet (PDF) - Monolithic Power Systems

MPQ5072GG Datasheet PDF - Monolithic Power Systems
Part # MPQ5072GG
Download  MPQ5072GG Download
File Size   1462.81 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified

MPQ5072GG Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ5072GG Datasheet PDF - Monolithic Power Systems

Part # MPQ5072GG
Download  MPQ5072GG Click to download

File Size   1462.81 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified

MPQ5072GG Datasheet (HTML) - Monolithic Power Systems


MPQ5072GG Product details

DESCRIPTION
The MPQ5072 is a programmable load switch
that provides 1A of load protection across a 0.5V
to 5.5V voltage range. With low RDS(ON) in a tiny
package, the MPQ5072 provides a highly
efficient, space-saving solution for notebooks,
tablets, and other portable device applications.
The MPQ5072’s soft start (SS) function avoids
inrush current during circuit start-up. The
MPQ5072 also provides a programmable softstart
time, output discharge functions, overcurrent
protection (OCP), and thermal shutdown.
The maximum load at the output source is
current-limited, which is accomplished by
utilizing a sense FET topology.
The magnitude of the current limit is controlled
by an external resistor from the ILIM pin to
ground (GND).
An internal charge pump drives the power device
gate, allowing a low on resistance DMOS power
FET of 50mΩ.
The MPQ5072 is available in a tiny, spacesaving
QFN-12 (2mmx2mm) package.

FEATURES
 Guaranteed Industrial/Automotive
Temperature Range Limits
 0.5V to 5.5V VIN Range
 Shutdown Current < 5μA
 Integrated 50mΩ Low RDS(ON) FETs
 1A Load Current
 Push/Pull Power Good (PG) Indicator
 Adjustable Start-Up Slew Rate
 Output Discharge
 Short-Circuit Protection (SCP) < 200ns
 Thermal Shutdown Protection
 Available in a Space-Saving QFN-12
(2mmx2mm) Package
 Available in AEC-Q100 Grade 1

APPLICATIONS
 Notebook and Tablet Computers
 Portable Devices
 Solid State Drives (SSDs)
 Handheld Devices




Similar Part No. - MPQ5072GG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MPQ5073GG MPS-MPQ5073GG Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MPQ5073GG-AEC1 MPS-MPQ5073GG-AEC1 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MPQ5074 MPS-MPQ5074 Datasheet
809Kb / 20P
5.5V, 3A, Low-RDS(ON) Load Switch with a Configurable Current Limit,
Rev. 1.0 8/21/2023
MPQ5074GQBE-AEC1 MPS-MPQ5074GQBE-AEC1 Datasheet
809Kb / 20P
5.5V, 3A, Low-RDS(ON) Load Switch with a Configurable Current Limit,
Rev. 1.0 8/21/2023
More results


Similar Description - MPQ5072GG

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075L MPS-MP5075L Datasheet
748Kb / 12P
5.5V, 1A, Low RDS(ON) Load Switch
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com