Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ5074 Datasheet (PDF) - Monolithic Power Systems

MPQ5074 Datasheet PDF - Monolithic Power Systems
Part # MPQ5074
Download  MPQ5074 Download
File Size   809.11 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.5V, 3A, Low-RDS(ON) Load Switch with a Configurable Current Limit,

MPQ5074 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ5074 Datasheet PDF - Monolithic Power Systems

Part # MPQ5074
Download  MPQ5074 Click to download

File Size   809.11 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5.5V, 3A, Low-RDS(ON) Load Switch with a Configurable Current Limit,

MPQ5074 Datasheet (HTML) - Monolithic Power Systems


MPQ5074 Product details

DESCRIPTION
The MPQ5074 provides up to 3A of load current
(ILOAD) across a 1.2V to 5.5V input voltage (VIN)
range. The low on resistance (RDS(ON)) and tiny
package make the MPQ5074 a highly efficient
and space-saving solution for automotive
infotainment systems, clusters, and advanced
driver-assistance systems (ADAS).
The MPQ5074 employs soft start (SS) to reduce
inrush current during circuit start up. It also
features a configurable soft-start time (tSS),
output discharge, over-current protection (OCP)
and thermal shutdown.
The maximum ILOAD at the output (source) is
current-limited by the sense FET topology. The
current limit (ILIMIT) magnitude is controlled by an
external resistor connected between the ILIM pin
and ground.
An internal charge pump drives the power
device’s gate, allowing for a 10mΩ low-RDS(ON)
DMOS power MOSFET.
The MPQ5074 is available in a tiny QFN-13
(2.5mmx3mm) package.

FEATURES
• Guaranteed Industrial and Automotive
Temperature
• Integrated 10mΩ Low-RDS(ON) MOSFETs
• Adjustable Start-Up Slew Rate
• Wide 1.2V to 5.5V Input Voltage (VIN)
Range
• <1µA Shutdown Current (ISD)
• 3A Configurable Current Limit (ILIMIT) Range
• Output Discharge
• Enable (EN) Pin
• <200ns Short-Circuit Protection (SCP)
Response
• Push-Pull Power Good (PG) Indication
• Thermal Shutdown
• Available in a Small, Space-Saving QFN-13
(2.5mmx3mm) Package
• Available in AEC-Q100 Grade 1

APPLICATIONS
• Automotive Infotainment Systems
• Automotive Clusters
• Automotive Advanced Driver-Assistance
Systems (ADAS)
• Industrial Systems




Similar Part No. - MPQ5074

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG MPS-MPQ5072GG Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG-AEC1 MPS-MPQ5072GG-AEC1 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG-AEC1-Z MPS-MPQ5072GG-AEC1-Z Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MPQ5072GG-Z MPS-MPQ5072GG-Z Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
More results


Similar Description - MPQ5074

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Texas Instruments
TPS22963 TI-TPS22963 Datasheet
569Kb / 20P
ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075L MPS-MP5075L Datasheet
748Kb / 12P
5.5V, 1A, Low RDS(ON) Load Switch
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com