Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT18 Datasheet (PDF) - NXP Semiconductors

FT18 Datasheet PDF - NXP Semiconductors
Part # FT18
Download  FT18 Download
File Size   234.17 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Frame Transfer CCD Image Sensor

FT18 Datasheet (PDF)

Go To PDF Page Download Datasheet
FT18 Datasheet PDF - NXP Semiconductors

Part # FT18
Download  FT18 Click to download

File Size   234.17 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Frame Transfer CCD Image Sensor

FT18 Datasheet (HTML) - NXP Semiconductors


FT18 Product details

Description
The FT 18 is a monochrome progressive-scan frame-transfer image sensor offering 1K x 1K pixels at 30 frames per second through a single output buffer. The combination of high speed and a high linear dynamic range (>10 true bits at room temperature without cooling) makes this device the perfect solution for high-end real time medical X-ray, scientific and industrial applications. A second output can be used for mirrored images. The device structure is shown in figure 1.

• 2/3-inch optical format
• 1M active pixels (1024H x 1024V)
• Progressive scan
• Excellent anti-blooming
• Variable electronic shuttering
• Square pixel structure
• Hor. and Vert. binning
• 100% optical fill factor
• High dynamic range (>60dB)
• High sensitivity
• Low dark current and fixed pattern noise
• Low read-out noise
• Data rate up to 40 MHz
• Frame rate up to 30 Hz
• Mirrored read-out option




Similar Part No. - FT18

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
FT18DL/830 SATCO-FT18DL/830 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
FT18DL/830/RS SATCO-FT18DL/830/RS Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
FT18DL/835 SATCO-FT18DL/835 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
FT18DL/835/RS SATCO-FT18DL/835/RS Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
FT18DL/841 SATCO-FT18DL/841 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
More results


Similar Description - FT18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FTT1010-M PHILIPS-FTT1010-M Datasheet
171Kb / 17P
Frame Transfer CCD Image Sensor
1999 September 21
FXA1012 PHILIPS-FXA1012 Datasheet
476Kb / 17P
Frame Transfer CCD Image Sensor
2000 January 7
logo
Sanyo Semicon Device
LC9997M SANYO-LC9997M Datasheet
187Kb / 11P
1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
logo
ON Semiconductor
KAF-16200 ONSEMI-KAF-16200 Datasheet
317Kb / 21P
Frame CCD Image Sensor
October, 2015 ??Rev. 0
KAF-18500 ONSEMI-KAF-18500 Datasheet
571Kb / 20P
Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-37500 ONSEMI-KAF-37500 Datasheet
310Kb / 24P
Frame CCD Image Sensor
May, 2015 ??Rev. 2
KAF-40000 ONSEMI-KAF-40000 Datasheet
500Kb / 26P
Frame CCD Image Sensor
September, 2015 ??Rev. 3
KAF-50100 ONSEMI-KAF-50100 Datasheet
258Kb / 25P
Frame CCD Image Sensor
April, 2015 ??Rev. 3
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com