Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXA1012 Datasheet (PDF) - NXP Semiconductors

FXA1012 Datasheet PDF - NXP Semiconductors
Part # FXA1012
Download  FXA1012 Download
File Size   476.62 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Frame Transfer CCD Image Sensor

FXA1012 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXA1012 Datasheet PDF - NXP Semiconductors

Part # FXA1012
Download  FXA1012 Click to download

File Size   476.62 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Frame Transfer CCD Image Sensor

FXA1012 Datasheet (HTML) - NXP Semiconductors


FXA1012 Product details

Description
The FXA 1012 is a colour frame-transfer CCD image sensor designed for consumer digital photography applications. The combination of high speed and a high linear dynamic range of over 10 true bits makes this device the perfect solution for use in compact high quality imaging applications. Two modes of operation provide both a monitoring image for LCD screens, and a full resolution, zero-smear still image with excellent colour rendition. The device structure is shown in figure 1.

• 2M active pixels (1616H x 1296V)
• 2/3-inch type optical format
• Still and monitor modes
• RGB Bayer pattern colour filters
• Progressive scan
• Excellent anti-blooming (Vertical Overflow Drain)
• High dynamic range (>70dB)
• High sensitivity
• Low dark current and low fixed pattern noise
• Low read-out noise
• Variable electronic shuttering
• Data rate up to 25 MHz, 5 frames/s
• Small outline LCC package
• Low cost




Similar Part No. - FXA1012

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXA135 FOX-FXA135 Datasheet
560Kb / 2P
Ceramic Automotive Grade SMD Tuning Fork
More results


Similar Description - FXA1012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FT18 PHILIPS-FT18 Datasheet
234Kb / 16P
Frame Transfer CCD Image Sensor
2000 January 7
FTT1010-M PHILIPS-FTT1010-M Datasheet
171Kb / 17P
Frame Transfer CCD Image Sensor
1999 September 21
logo
Sanyo Semicon Device
LC9997M SANYO-LC9997M Datasheet
187Kb / 11P
1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
logo
ON Semiconductor
KAF-16200 ONSEMI-KAF-16200 Datasheet
317Kb / 21P
Frame CCD Image Sensor
October, 2015 ??Rev. 0
KAF-18500 ONSEMI-KAF-18500 Datasheet
571Kb / 20P
Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-37500 ONSEMI-KAF-37500 Datasheet
310Kb / 24P
Frame CCD Image Sensor
May, 2015 ??Rev. 2
KAF-40000 ONSEMI-KAF-40000 Datasheet
500Kb / 26P
Frame CCD Image Sensor
September, 2015 ??Rev. 3
KAF-50100 ONSEMI-KAF-50100 Datasheet
258Kb / 25P
Frame CCD Image Sensor
April, 2015 ??Rev. 3
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com