Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0L1UB Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V0L1UB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V0L1UB
Download  PESD5V0L1UB Download
File Size   241.71 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional ESD protection diodes

PESD5V0L1UB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0L1UB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V0L1UB
Download  PESD5V0L1UB Click to download

File Size   241.71 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional ESD protection diodes

PESD5V0L1UB Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V0L1UB Product details

1. General description
Low capacitance unidirectional ElectroStatic Discharge (ESD) protection diodes in small Surface-
Mounted Device (SMD) plastic packages designed to protect one signal line from the damage
caused by ESD and other transients.
2. Features and benefits
• Unidirectional ESD protection of one line
• Low diode capacitance: Cd = 25 pF
• Low clamping voltage: VCL = 12 V
• Very low leakage current: IRM = 10 nA
• ESD protection up to 26 kV
• IEC 61000-4-2; level 4 (ESD)
3. Application information
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Communication systems
• Subscriber Identity Module (SIM) card protection
• Portable electronics
• FireWire
• High-speed data lines




Similar Part No. - PESD5V0L1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L1UB NXP-PESD5V0L1UB Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Guangdong Youtai Semico...
PESD5V0L1UB UMW-PESD5V0L1UB Datasheet
414Kb / 5P
Unidirectional ESD protection of one line
logo
EVER SEMICONDUCTOR CO.,...
PESD5V0L1UB EVVOSEMI-PESD5V0L1UB Datasheet
240Kb / 5P
ESD Suppressor Diode TVS Uni-Dir 5V 12Vc Automotive 2-Pin SOD-323 T/R
Rev:2023A2
logo
TECH PUBLIC Electronics...
PESD5V0L1UB TECHPUBLIC-PESD5V0L1UB Datasheet
1Mb / 4P
Low Capactionce 1-Line Unidirectional TVS Diode
logo
Nexperia B.V. All right...
PESD5V0L1UB-Q NEXPERIA-PESD5V0L1UB-Q Datasheet
240Kb / 11P
Low capacitance unidirectional ESD protection diodes
10 June 2022
More results


Similar Description - PESD5V0L1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5ZX NXP-PESD5ZX Datasheet
142Kb / 17P
Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD5V0L1UB-Q NEXPERIA-PESD5V0L1UB-Q Datasheet
240Kb / 11P
Low capacitance unidirectional ESD protection diodes
10 June 2022
PESD5Z12 NEXPERIA-PESD5Z12 Datasheet
218Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z3.3 NEXPERIA-PESD5Z3.3 Datasheet
213Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z5.0 NEXPERIA-PESD5Z5.0 Datasheet
214Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z6.0 NEXPERIA-PESD5Z6.0 Datasheet
214Kb / 11P
Low capacitance unidirectional ESD protection diodes
6 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com