Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0L1UB Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

PESD5V0L1UB Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # PESD5V0L1UB
Download  PESD5V0L1UB Download
File Size   240.43 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description ESD Suppressor Diode TVS Uni-Dir 5V 12Vc Automotive 2-Pin SOD-323 T/R

PESD5V0L1UB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0L1UB Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # PESD5V0L1UB
Download  PESD5V0L1UB Click to download

File Size   240.43 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description ESD Suppressor Diode TVS Uni-Dir 5V 12Vc Automotive 2-Pin SOD-323 T/R

PESD5V0L1UB Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


PESD5V0L1UB Product details

Features
Unidirectional ESD protection of
one line
ESD protection up to 26 kV
Low diode capacitance: Cd = 25 pF
IEC 61000-4-2; level 4 (ESD)
Low clamping voltage: VCL = 12 V
AEC-Q101 qualified
Very low leakage current: IRM = 10 nA




Similar Part No. - PESD5V0L1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L1UB NXP-PESD5V0L1UB Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
PESD5V0L1UB NEXPERIA-PESD5V0L1UB Datasheet
241Kb / 11P
Low capacitance unidirectional ESD protection diodes
11 April 2023
logo
Guangdong Youtai Semico...
PESD5V0L1UB UMW-PESD5V0L1UB Datasheet
414Kb / 5P
Unidirectional ESD protection of one line
logo
TECH PUBLIC Electronics...
PESD5V0L1UB TECHPUBLIC-PESD5V0L1UB Datasheet
1Mb / 4P
Low Capactionce 1-Line Unidirectional TVS Diode
logo
Nexperia B.V. All right...
PESD5V0L1UB-Q NEXPERIA-PESD5V0L1UB-Q Datasheet
240Kb / 11P
Low capacitance unidirectional ESD protection diodes
10 June 2022
More results


Similar Description - PESD5V0L1UB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SD05T1 SANYO-SD05T1_12 Datasheet
58Kb / 4P
Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
Leshan Radio Company
LTVS16D18H5.0T5G LRC-LTVS16D18H5.0T5G Datasheet
910Kb / 3P
5V uni-directional ESD diode
LTVS16H5.0ET5G LRC-LTVS16H5.0ET5G Datasheet
127Kb / 3P
5V uni-directional ESD diode
LTVS20H5.0T5G LRC-LTVS20H5.0T5G Datasheet
148Kb / 3P
5V uni-directional ESD diode
LTVS32H5.0T1G LRC-LTVS32H5.0T1G Datasheet
581Kb / 3P
5V uni-directional ESD diode
logo
TECH PUBLIC Electronics...
ESDA14V2L TECHPUBLIC-ESDA14V2L Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
NUP2105LT1G-TP TECHPUBLIC-NUP2105LT1G-TP Datasheet
1,008Kb / 4P
2-Line Uni-directional TVS Diode
PSOT12C TECHPUBLIC-PSOT12C Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
TPE12U20AS3 TECHPUBLIC-TPE12U20AS3 Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
logo
Texas Instruments
TSD05 TI1-TSD05 Datasheet
971Kb / 15P
TSD05 5-V Unidirectional TVS Diode in SOD-323
JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com